전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL35-0350-030 데이터시트(PDF) 2 Page - DB Lectro Inc

부품명 TL35-0350-030
상세설명  TOROIDAL TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL35-0350-030 데이터시트(HTML) 2 Page - DB Lectro Inc

  TL35-0350-030 Datasheet HTML 1Page - DB Lectro Inc TL35-0350-030 Datasheet HTML 2Page - DB Lectro Inc TL35-0350-030 Datasheet HTML 3Page - DB Lectro Inc TL35-0350-030 Datasheet HTML 4Page - DB Lectro Inc TL35-0350-030 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOROIDAL
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
1.6VA
TL35-0016-012
TL35-0016-014
TL35-0016-018
TL35-0016-024
TL35-0016-030
TL35-0016-036
TL35-0016-044
TL35-0016-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@133mA
@114mA
@89mA
@67mA
@53mA
@44mA
@36mA
@33mA
6V
7V
9V
12V
15V
18V
22V
24V
@266mA
@228mA
@178mA
@134mA
@106mA
@88mA
@72mA
@66mA
3.2VA
TL35-0032-012
TL35-0032-014
TL35-0032-018
TL35-0032-024
TL35-0032-030
TL35-0032-036
TL35-0032-044
TL35-0032-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@266mA
@229mA
@178mA
@133mA
@107mA
@89mA
@73mA
@66mA
6V
7V
9V
12V
15V
18V
22V
24V
@532mA
@458mA
@356mA
@266mA
@214mA
@178mA
@146mA
@132mA
5.0VA
TL35-0050-012
TL35-0050-014
TL35-0050-018
TL35-0050-024
TL35-0050-030
TL35-0050-036
TL35-0050-044
TL35-0050-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@416mA
@357mA
@278mA
@208mA
@167mA
@139mA
@114mA
@104mA
6V
7V
9V
12V
15V
18V
22V
24V
@832mA
@714mA
@556mA
@416mA
@334mA
@278mA
@228mA
@208mA
7.0VA
TL35-0070-012
TL35-0070-014
TL35-0070-018
TL35-0070-024
TL35-0070-030
TL35-0070-036
TL35-0070-044
TL35-0070-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@583mA
@500mA
@389mA
@292mA
@233mA
@194mA
@159mA
@145mA
6V
7V
9V
12V
15V
18V
22V
24V
@1166mA
@1000mA
@778mA
@584mA
@466mA
@388mA
@318mA
@290mA
10VA
TL35-0100-012
TL35-0100-014
TL35-0100-018
TL35-0100-024
TL35-0100-030
TL35-0100-036
TL35-0100-044
TL35-0100-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@833mA
@714mA
@556mA
@417mA
@333mA
@278mA
@227mA
@208mA
6V
7V
9V
12V
15V
18V
22V
24V
@1666mA
@1428mA
@1112mA
@834mA
@666mA
@556mA
@454mA
@416mA
15VA
TL35-0150-012
TL35-0150-014
TL35-0150-018
TL35-0150-024
TL35-0150-030
TL35-0150-036
TL35-0150-044
TL35-0150-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@1250mA
@1071mA
@833mA
@625mA
@500mA
@417mA
@341mA
@312mA
6V
7V
9V
12V
15V
18V
22V
24V
@2500mA
@2142mA
@1666mA
@1250mA
@1000mA
@834mA
@682mA
@624mA
DB LECTRO Inc.
3600 boul. Matte suite i Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


유사한 부품 번호 - TL35-0350-030

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TL35001AV2 TRANSKO-TL35001AV2 Datasheet
443Kb / 3P
   350.00 MHz IF SAW Filter / 1.96 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL35006AS2 TRANSKO-TL35006AS2 Datasheet
464Kb / 4P
   350.00 MHz IF SAW Filter / 6.50 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL3503AV TRANSKO-TL3503AV Datasheet
398Kb / 3P
   35.00 MHz IF SAW Filter / 2.8 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL35071AD TI-TL35071AD Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL35071ADR TI-TL35071ADR Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TL35-0350-030

제조업체부품명데이터시트상세설명
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
Coilcraft lnc.
Q3903-AL COILCRAFT-Q3903-AL Datasheet
123Kb / 1P
   Toroidal Transformer
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
logo
List of Unclassifed Man...
LTC0157 ETC1-LTC0157 Datasheet
160Kb / 1P
   TOROIDAL COIL TRANSFORMER
logo
Beijing Yaohuadechang E...
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TC MPSIND-P8TC Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TD MPSIND-P8TD Datasheet
43Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TB MPSIND-P8TB Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com