전자부품 데이터시트 검색엔진 |
|
TL35-4000-048 데이터시트(PDF) 3 Page - DB Lectro Inc |
|
TL35-4000-048 데이터시트(HTML) 3 Page - DB Lectro Inc |
3 / 5 page TOROIDAL TRANSFORMER Secondary RMS Rating Product Series Part Number Input Voltage (V) Series Parallel 25VA TL35-0250-012 TL35-0250-014 TL35-0250-018 TL35-0250-024 TL35-0250-030 TL35-0250-036 TL35-0250-044 TL35-0250-048 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 12V C.T. 14V C.T. 18V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. @2083mA @1785mA @1377mA @1041mA @832mA @694mA @568mA @520mA 6V 7V 9V 12V 15V 18V 22V 24V @4166mA @3570mA @2754mA @2082mA @1664mA @1388mA @1136mA @1040mA 35VA TL35-0350-012 TL35-0350-014 TL35-0350-018 TL35-0350-024 TL35-0350-030 TL35-0350-036 TL35-0350-044 TL35-0350-048 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 12V C.T. 14V C.T. 18V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. @2916mA @2500mA @1944mA @1458mA @1167mA @972mA @795mA @729mA 6V 7V 9V 12V 15V 18V 22V 24V @5832mA @5000mA @3888mA @2916mA @2334mA @1944mA @1590mA @1458mA 50VA TL35-0500-012 TL35-0500-014 TL35-0500-018 TL35-0500-024 TL35-0500-030 TL35-0500-036 TL35-0500-044 TL35-0500-048 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 12V C.T. 14V C.T. 18V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. @4166mA @3571mA @2777mA @2083mA @1666mA @1388mA @1136mA @1041mA 6V 7V 9V 12V 15V 18V 22V 24V @8332mA @7142mA @5554mA @4166mA @3332mA @2776mA @2272mA @2082mA 65VA TL35-0650-012 TL35-0650-014 TL35-0650-018 TL35-0650-024 TL35-0650-030 TL35-0650-036 TL35-0650-044 TL35-0650-048 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 12V C.T. 14V C.T. 18V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. @5416mA @4642mA @3611mA @2708mA @2166mA @1805mA @1477mA @1354mA 6V 7V 9V 12V 15V 18V 22V 24V @10832mA @9284mA @7222mA @5416mA @4322mA @3610mA @2954mA @2708mA 85VA TL35-0850-012 TL35-0850-014 TL35-0850-018 TL35-0850-024 TL35-0850-030 TL35-0850-036 TL35-0850-044 TL35-0850-048 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 2 x 115 12V C.T. 14V C.T. 18V C.T. 24V C.T. 30V C.T. 36V C.T. 44V C.T. 48V C.T. @7083mA @6071mA @4722mA @3541mA @2833mA @2361mA @1931mA @1770mA 6V 7V 9V 12V 15V 18V 22V 24V @14166mA @12142mA @9444mA @7082mA @5666mA @4722mA @3862mA @3540mA DB LECTRO Inc. 3600 boul. Matte suite i Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
유사한 부품 번호 - TL35-4000-048 |
|
유사한 설명 - TL35-4000-048 |