전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YWW7640 데이터시트(PDF) 1 Page - IC MICROSYSTEMS

부품명 YWW7640
상세설명  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICMIC [IC MICROSYSTEMS]
홈페이지  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

YWW7640 데이터시트(HTML) 1 Page - IC MICROSYSTEMS

  YWW7640 Datasheet HTML 1Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 2Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 3Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 4Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 5Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 6Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 7Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 8Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV 1.0 7/5/00
Characteristics subject to change without notice.
1 of 14
www.icmic.com
BLOCK DIAGRAM
496 Byte
EEPROM Array
Logic
SCL
SDA
RST
Interface
Data Transfer
Array Access
Enable
ISO Reset
Response Register
Password Array
and Password
Verification Logic
Retry Counter
Erase Logic
4K
X76F400
512 x 8 bit
Secure SerialFlash
FEATURES
•64-bit password security
•One array (496 bytes) two passwords (16 bytes)
—Read password
—Write password
•Programmable passwords
•Retry counter register
—Allows 8 tries before clearing of the array
•32-bit response to reset (RST input)
•8 byte sector write mode
•1MHz clock rate •2-wire
serial interface •Low
power CMOS
—2.5 to 5.5V operation
—Standby current less than 1µA
—Active current less than 3 mA
•High reliability endurance:
—100,000 write cycles
•Data retention: 100 years
•Available in:
—8-lead, SOIC,TSSOP
DESCRIPTION
The X76F400 is a password access security supervisor,
containing one 3968-bit Secure Serial Flash array.
Access to the memory array can be controlled by two 64-bit
passwords. These passwords protect read and
write operations of the memory array.
The X76F400 features a serial interface and software
protocol allowing operation on a popular 2-wire bus.
The bus signals are a clock input (SCL) and a bi-directional
data input and output (SDA).
The X76F400 also features a synchronous response to
reset, providing an automatic output of a hard-wired
32-bit data stream, thereby meeting the industry standard
for memory cards.
The X76F400 utilizes Xicor’s proprietary Direct Write
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
This X76F400 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


유사한 설명 - YWW7640

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com