전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YWW7640 데이터시트(PDF) 11 Page - IC MICROSYSTEMS

부품명 YWW7640
상세설명  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICMIC [IC MICROSYSTEMS]
홈페이지  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

YWW7640 데이터시트(HTML) 11 Page - IC MICROSYSTEMS

Back Button YWW7640 Datasheet HTML 6Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 7Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 8Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 9Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 10Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 11Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 12Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 13Page - IC MICROSYSTEMS YWW7640 Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
X76F400
Characteristics subject to change without notice.
11 of 14
REV 1.0 7/5/00
www.icmic.com
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
100
80
60
40
20
Bus Capacitance in pF
RMIN
RMAX
20
40
60
80
100
R
MIN
V
CCMAX
I
OLMIN
--------------------------
1.8KΟ
=
=
R
MAX
t
R
C
BUS
------------------
=
tR = maximum allowable SDA rise time


유사한 설명 - YWW7640

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com