전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFF6402A 데이터시트(PDF) 1 Page - CTS Corporation

부품명 KFF6402A
상세설명  KFF6402A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6402A 데이터시트(HTML) 1 Page - CTS Corporation

  KFF6402A Datasheet HTML 1Page - CTS Corporation KFF6402A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications
Rev. 1
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Model KFF6402A
®
WIRELESS COMPONENTS
Features:
• Small Size
• High Performance
Description and
Applications:
This 4 pole monoblock filter is
designed primarily for TCAS
applications at 1090 MHz in the
radionavigation band.
Ceramic Monoblock
Bandpass Filter
Parameters
Frequency
Specifications @ 25º C
Insertion Loss
1087 MHz to 1093 MHz
2.0 dB max.
Forward Return Loss
12.0 dB min.
Attenuation
1030 MHz
35.0 dB min.
Power Rating
1 W
Impedance
50
NOTE: Supplier shall test each filter to the critical electrical specifications listed above or better. Any subsequent audits may deviate due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification
Typical Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB


유사한 부품 번호 - KFF6402A

제조업체부품명데이터시트상세설명
logo
CTS Corporation
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com