전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD-2000 데이터시트(PDF) 3 Page - SIRENZA MICRODEVICES

부품명 SLD-2000
상세설명  12 Watt Discrete LDMOS FET-Bare Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES

SLD-2000 데이터시트(HTML) 3 Page - SIRENZA MICRODEVICES

  SLD-2000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SLD-2000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SLD-2000 Datasheet HTML 3Page - SIRENZA MICRODEVICES SLD-2000 Datasheet HTML 4Page - SIRENZA MICRODEVICES SLD-2000 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLD-2000 10-2700 MHz 12 Watt LDMOS FET - Bare Die
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
3
EDS-104292 Rev C
De-embedding Information
Description
Gate
Drain
Number of Bond Wires
6
9
Length of Bond Wires
0.037
0.040
Height of Bond Wires
0.006
0.007
Pitch of Bond Wires
0.012
0.008
Bond Wire Diameter
0.002
0.002
Impedance Data
Frequency (MHz)
Zsource
Zload
880
0.5 + j 2.5
3.9 + j 4.9
960
0.8 + j 1.3
4.5 + j 3.6
1840
0.7 - j 0.4
1.3 + j 0.0
1960
0.5 -j 1.3
1.3 + j 0.1
2140
0.7 - j 2.3
1.2 + j 0.2
Impedances Referenced to Wirebond/PCB Interface.
All Dimensions in Inches.
Wirebond Heights Referenced to Top Surface of Die.
Zload
source
Z
Input
Matching
Network
Output
Matching
Network
Device
under test
Zsource and Zload are the optimal
impedances presented to the SLD-
2000 when operating at 28V,
Idq=150mA, Pout=10 W PEP.


유사한 부품 번호 - SLD-2000

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
SLD-2083CZ SIRENZA-SLD-2083CZ Datasheet
278Kb / 6P
   12 Watt Discrete LDMOS FET in Ceramic Package
More results

유사한 설명 - SLD-2000

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
   4 Watt Discrete LDMOS FET-Bare Die
SLD-2083CZ SIRENZA-SLD-2083CZ Datasheet
278Kb / 6P
   12 Watt Discrete LDMOS FET in Ceramic Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
SLD-3091FZ SIRENZA-SLD-3091FZ Datasheet
356Kb / 8P
   30 Watt Discrete LDMOS FET in Ceramic Flanged Package
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
0809LD60P ETC1-0809LD60P Datasheet
15Kb / 1P
   60 WATT, 28V, 1 GHz LDMOS FET
0809LD30 ETC1-0809LD30 Datasheet
16Kb / 1P
   30 WATT, 28V, 1 GHz LDMOS FET
0809LD30P ETC1-0809LD30P Datasheet
15Kb / 1P
   30 WATT, 28V, 1 GHz LDMOS FET
0809LD60 ETC1-0809LD60 Datasheet
16Kb / 1P
   60 WATT, 28V, 1 GHz LDMOS FET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com