전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8761AAS 데이터시트(PDF) 7 Page - Nippon Precision Circuits Inc

부품명 SM8761AAS
상세설명  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8761AAS 데이터시트(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8761AAS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8761AAS Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SM8761 series
NIPPON PRECISION CIRCUITS INC.—7
FUNCTIONAL DESCRIPTION
Master Clock
The SM8761 series master clock can be generated by the crystal oscillator formed by connecting a crystal
between XT (pin 1) and XTN (pin 8) as shown in Figure 2. Alternatively, an external master clock can be input
directly on XT (pin 1) as shown in Figure 3. If an external clock is input on XT, it is recommended that the
clock have 50% duty and VDD level voltage amplitude. Note that the input clock amplitude voltage must not
exceed the absolute maximum rating, otherwise it may cause the SM8761 series to breakdown.
Figure 2. Crystal element connection
Figure 3. External clock input
Oscillator
Internal
Circuits
XT (Pin1)
XTN (Pin8)
C1
C2
C1, C2 = 5 to 33pF
Oscillator
Internal
Circuits
XT (Pin1)
XTN (Pin8)
Open
External Clock


유사한 부품 번호 - SM8761AAS

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8760CA NPC-SM8760CA Datasheet
107Kb / 8P
   Spread Spectrum Clock Generator
SM8760CAV NPC-SM8760CAV Datasheet
107Kb / 8P
   Spread Spectrum Clock Generator
More results

유사한 설명 - SM8761AAS

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com