전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F712-1 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74F712-1
상세설명  consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F712-1 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74F712-1 Datasheet HTML 3Page - NXP Semiconductors 74F712-1 Datasheet HTML 4Page - NXP Semiconductors 74F712-1 Datasheet HTML 5Page - NXP Semiconductors 74F712-1 Datasheet HTML 6Page - NXP Semiconductors 74F712-1 Datasheet HTML 7Page - NXP Semiconductors 74F712-1 Datasheet HTML 8Page - NXP Semiconductors 74F712-1 Datasheet HTML 9Page - NXP Semiconductors 74F712-1 Datasheet HTML 10Page - NXP Semiconductors 74F712-1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74F711A/74F711–1/
74F712A/74F712–1
Multiplexers
1990 Dec 13
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
IO = 3mA
±10%VCC
2.4
V
VO
High level output voltage
VCC = MIN,
V
MAX
IOH = –3mA
±5%VCC
2.7
3.4
V
VOH
High-level output voltage
VIL = MAX,
VIH = MIN
IO = 15mA
±10%VCC
2.0
V
IH
IOH = –15mA
±5%VCC
2.0
V
74F711A/
74F712A
IO = MAX
±10%VCC
0.38
0.55
V
VOL
Low-level output voltage
74F712A
only
VCC = MIN,
VIL = MAX,
IOL = MAX
±5%VCC
0.42
0.55
V
OL
g
74F711-1/
74F712-1
IL
,
VIH = MIN
IOL = 5mA
±10%VCC
0.38
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input
voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
I
Low level input current
Others
VCC = MAX V =0 5V
–20
µA
IIL
Low-level input current
Dn only
VCC = MAX, VI = 0.5V
–40
µA
IOZH
Off-state output current
High-level voltage
applied
74F711A/
74F711 1
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current
Low-level voltage
applied
74F711-1
only
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short-circuit output
current3
74F711-1/
74F712-1
VCC = MAX
–60
–150
mA
IO
Output current4
74F711A/
74F712A
VCC = MAX, VO = 2.25 V
–60
–150
mA
ICCH
25
35
mA
74F711A
ICCL
VCC = MAX
33
46
mA
ICCZ
27
40
mA
ICCH
26
40
mA
ICC
Supply
current
74F711-1
ICCL
VCC = MAX
33
45
mA
ICC
current
(total)
ICCZ
28
45
mA
()
74F712A
ICCH
VCC = MAX
20
27
mA
74F712A
ICCL
VCC = MAX
30
40
mA
74F712 1
ICCH
VCC = MAX
20
30
mA
74F712-1
ICCL
VCC = MAX
29
40
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. IO is tested under conditions that produce current approximity one half of the true short-circuit output current (IOS).


유사한 부품 번호 - 74F712-1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F723-1 PHILIPS-74F723-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725-1 PHILIPS-74F725-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725A PHILIPS-74F725A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

유사한 설명 - 74F712-1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
   ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
   CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com