전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD100N03LT4 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STD100N03LT4
상세설명  N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100N03LT4 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STD100N03LT4 Datasheet HTML 2Page - STMicroelectronics STD100N03LT4 Datasheet HTML 3Page - STMicroelectronics STD100N03LT4 Datasheet HTML 4Page - STMicroelectronics STD100N03LT4 Datasheet HTML 5Page - STMicroelectronics STD100N03LT4 Datasheet HTML 6Page - STMicroelectronics STD100N03LT4 Datasheet HTML 7Page - STMicroelectronics STD100N03LT4 Datasheet HTML 8Page - STMicroelectronics STD100N03LT4 Datasheet HTML 9Page - STMicroelectronics STD100N03LT4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2 Electrical characteristics
STD100N03L - STD100N03L-1
6/14
Figure 7.
Gate Charge vs Gate-source
Voltage
Figure 8.
Capacitance Variation
Figure 9.
Normalized Gate Thereshold
Voltage vs Temperature
Figure 10. Normalized BVDSS vs Temperature
Figure 11. Normalized on Resistance vs
Temperature
Figure 12. Source-Drain Diode Forward
Characteristics


유사한 부품 번호 - STD100N03LT4

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STD100N03L-1 VBSEMI-STD100N03L-1 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STD100N03LT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
   N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
   N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET??POWER MOSFET
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
   N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
336Kb / 14P
   N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
   N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com