전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F825 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74F825
상세설명  Bus interface registers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F825 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74F825 Datasheet HTML 6Page - NXP Semiconductors 74F825 Datasheet HTML 7Page - NXP Semiconductors 74F825 Datasheet HTML 8Page - NXP Semiconductors 74F825 Datasheet HTML 9Page - NXP Semiconductors 74F825 Datasheet HTML 10Page - NXP Semiconductors 74F825 Datasheet HTML 11Page - NXP Semiconductors 74F825 Datasheet HTML 12Page - NXP Semiconductors 74F825 Datasheet HTML 13Page - NXP Semiconductors 74F825 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
10
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–24
mA
IOL
Low–level output current
64
mA
T
b
Operating free-air temperature range
Commercial range
0
+70
°C
Tamb
O erating free-air tem erature range
Industrial range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IO = 15mA
±10%VCC
2.4
V
VO
High level output voltage
VCC = MIN,
VIL = MAX
IOH = –15mA
±5%VCC
2.4
V
VOH
High-level output voltage
VIL = MAX,
VIH = MIN
IO = 24mA
±10%VCC
2.0
V
IOH = –24mA
±5%VCC
2.0
V
VO
Low level output voltage
VCC = MIN,
VIL = MAX
IO = MAX
±10%VCC
0.55
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOL = MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = 0.0V, VI = 7.0V
100
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
–20
µA
IOZH
Off–state output current, high–level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off–state output current, low–level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short–circuit output current3
VCC = MAX
-100
-225
mA
ICCH
75
105
mA
74F821,
74F822
ICCL
VCC = MAX
75
105
mA
74F822
ICCZ
75
115
mA
ICCH
65
100
mA
ICC
Supply current (total)
74F823,
74F824
ICCL
VCC = MAX
70
105
mA
74F824
ICCZ
75
110
mA
ICCH
60
85
mA
74F825,
74F826
ICCL
VCC = MAX
60
90
mA
74F826
ICCZ
65
95
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


유사한 부품 번호 - 74F825

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F825 NSC-74F825 Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
Bourns Electronic Solut...
74F825AI-RC BOURNS-74F825AI-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
National Semiconductor ...
74F825SC NSC-74F825SC Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
More results

유사한 설명 - 74F825

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver/Registers
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com