전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES-4A-T3CK-A5S 데이터시트(PDF) 4 Page - DB Lectro Inc

부품명 ES-4A-T3CK-A5S
상세설명  Sealed Sub-Miniature Toggle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-4A-T3CK-A5S 데이터시트(HTML) 4 Page - DB Lectro Inc

  ES-4A-T3CK-A5S Datasheet HTML 1Page - DB Lectro Inc ES-4A-T3CK-A5S Datasheet HTML 2Page - DB Lectro Inc ES-4A-T3CK-A5S Datasheet HTML 3Page - DB Lectro Inc ES-4A-T3CK-A5S Datasheet HTML 4Page - DB Lectro Inc ES-4A-T3CK-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ES40-T
Sealed SMT Sub-Miniature Toggle Switches
FEATURE
1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard
2. Carry the IP67 approvals
3. The ESD protection available - Anti-static plastic actuator -9000 V DC static resistance between toggle and terminal.
4. Surface mounting (SMT)
5. Tape and Reel package
SPECIFICATIONS
CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC
DCELECTRICAL LIFE:30,000 make-and-break cycles at full load
CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,500 V RMS @ sea level.
ESD Resistant Option :
P2 insulating actuator only:9,000 VDC min. @ sea level,actuator to terminals.
DEGREE OF PROTECTION : IP67
OPERATING TEMPERATURE: -30 Cto85 C
MATERIALS
CASE and BUSHING - glass filled nylon 4/6,flame retardant heat stabilized (UL94V-0 )
Actuator - Brass , chrome plated,internal o-ring seal standard with all actuators
P2 / the anti-static actuator: Nylon 4/6,black standard(UL 94V-0)
CONTACT AND TERMINAL - Copper alloy , silver plated
SWITCH SUPPORT - Brass , tin-lead
TERMINAL SEAL - Epoxy
How do you build the switches you need!!
ES
3
T 2
N
R
ES-3
ES-3B
ES-3A
ES-3H
ES-3I
Actuator
T1
T2
T3
T4
T5
ESD protection actuator
P2
P21
(std - black) 6.10
(white) 6.10
10.57
Std.
6.10
8.13
13.97
3.5
SP on-none-on
SP on-none-(on)
SP on-off-on
SP (on)-off-(on)
SP on-off-(on)
Switches Function
Terminal
(none)
std
N
backward
M
backward
Contact Material
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
IP67
the Contact K only apply to the terminal N/ M
24
A
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


유사한 부품 번호 - ES-4A-T3CK-A5S

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
ES-4AN5L IVO-ES-4AN5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ES-4AP5L IVO-ES-4AP5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

유사한 설명 - ES-4A-T3CK-A5S

제조업체부품명데이터시트상세설명
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com