전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-257K 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HCPL-257K
상세설명  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-257K 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-257K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-257K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
These units are single, dual
and quad channel, hermetically
sealed optocouplers. The
products are capable of
operation and storage over the
full military temperature range
and can be purchased as
either standard product or
with full MIL-PRF-38534 Class
Level H or K testing or from
the appropriate DSCC Drawing.
All devices are manufactured
and tested on a MIL-PRF-
38534 certified line and are
included in the DSCC Qualified
Manufacturers List QML-38534
for Hybrid Microcircuits.
Hermetically Sealed, Transistor
Output Optocouplers for Analog and
Digital Applications
Technical Data
Agilent 4N55*, 5962-87679, HCPL-553X, HCPL-653X,
HCPL-257K, HCPL-655X, 5962-90854, HCPL-550X
*See matrix for available extensions.
Features
••••• Dual Marked with Device Part
Number and DSCC Drawing
Number
••••• Manufactured and Tested on a
MIL-PRF-38534 Certified Line
••••• QML-38534, Class H and K
••••• Five Hermetically Sealed Package
Configurations
••••• Performance Guaranteed, Over
-55°C to +125°C
••••• High Speed: Typically 400 kBit/s
••••• 9 MHz Bandwidth
••••• Open Collector Output
••••• 2-18 Volt VCC Range
••••• 1500 Vdc Withstand Test Voltage
••••• High Radiation Immunity
••••• 6N135, 6N136, HCPL-2530/2531,
Function Compatibility
••••• Reliability Data
The connection of a 0.1
µF bypass capacitor between VCC and GND is recommended.
Applications
••••• Military and Space
••••• High Reliability Systems
••••• Vehicle Command, Control, Life
Critical Systems
••••• Line Receivers
••••• Switching Power Supply
••••• Voltage Level Shifting
••••• Analog Signal Ground Isolation
(see Figures 7, 8, and 13)
••••• Isolated Input Line Receiver
••••• Isolated Output Line Driver
••••• Logic Ground Isolation
••••• Harsh Industrial Environments
••••• Isolation for Test Equipment
Systems
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


유사한 부품 번호 - HCPL-257K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-257K HP-HCPL-257K Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
190Kb / 13P
   Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
More results

유사한 설명 - HCPL-257K

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
   Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com