전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FTC534PCX 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 74FTC534PCX
상세설명  Octal D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

74FTC534PCX 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  74FTC534PCX Datasheet HTML 1Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 2Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 3Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 4Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 5Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 6Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 7Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Terminal Voltage with Respect
to GND (VTERM)
74FCT
b
05V to a70V
Temperature Under Bias (TBIAS)
74FCT
b
55 Cto a125 C
Storage Temperature (TSTG)
74FCT
b
55 Cto a125 C
DC Output Current (IOUT)
120 mA
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur Exposure to absolute maximum rating conditions
for extended periods may affect reliability The databook specifications
should be met without exception to ensure that the system design is reli-
able over its power supply temperature and outputinput loading variables
Recommended Operating
Conditions
Supply Voltage (VCC)
74FCT
475V to 525V
Input Voltage
0V to VCC
Output Voltage
0V to VCC
Operating Temperature (TA)
74FCT
b
0 Cto a70 C
Junction Temperature (TJ)
PDIP
140 C
Note
All commercial packaging is not recommended for applications requir-
ing greater than 2000 temperature cycles from b40 Cto a125 C
DC Characteristics for ’FCTA Family Devices
Typical values are at VCC e 50V 25 C ambient and maximum loading For test conditions shown as Max use the value
specified for the appropriate device type Com VCC e 50V g5% TA e 0 Cto a70 C VHC e VCC b 02V
Symbol
Parameter
74FCTA
Units
Conditions
Min
Typ
Max
VIH
Minimum High Level
20
V
Input Voltage
VIL
Maximum Low Level
08
V
Input Voltage
IIH
Input High Current
50
m
A
VCC e Max
VI e VCC
50
VI e 27V (Note 2)
IIL
Input Low Current
b
50
m
A
VCC e Max
VI e 05V (Note 2)
b
50
VI e GND
IOZ
Maximum TRI-STATE Current
25
VCC e Max
VO e VCC
25
m
A
VO e 27V (Note 2)
b
25
VO e 05V (Note 2)
b
25
VO e GND
VIK
Clamp Diode Voltage
b
07
b
12
V
VCC e Min IN eb18 mA
IOS
Short Circuit Current
b
60
b
120
mA
VCC e Max (Note 1) VO e GND
VOH
Minimum High Level
28
30
VCC e 3V VIN e 02V or VHC IOH eb32 mA
Output Voltage
VHC
VCC
V
VCC e Min
IOH eb300 mA
24
43
VIN e VIH or VIL
IOH eb15 mA
VOL
Maximum Low Level
GND
02
VCC e 3V VIN e 02V or VHC IOL e 300 mA
Output Voltage
GND
02
V
VCC e Min
IOL e 300 mA
03
05
VIN e VIH or VIL
IOL e 48 mA
3


유사한 부품 번호 - 74FTC534PCX

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
74F BOURNS-74F Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
Yuan Dean Scientific., ...
74F YUANDEAN-74F Datasheet
445Kb / 2P
   RJ45 Jack
74F-4002 YUANDEAN-74F-4002 Datasheet
445Kb / 2P
   RJ45 Jack
74F-4003 YUANDEAN-74F-4003 Datasheet
445Kb / 2P
   RJ45 Jack
74F-4004 YUANDEAN-74F-4004 Datasheet
445Kb / 2P
   RJ45 Jack
More results

유사한 설명 - 74FTC534PCX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
[Old version datasheet]   Octal D Flip-Flop with TRI-STATE Outputs
logo
National Semiconductor ...
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com