전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9959 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD9959
상세설명  4 Channel 500MSPS DDS with 10-bit DACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9959 데이터시트(HTML) 8 Page - Analog Devices

  AD9959 Datasheet HTML 1Page - Analog Devices AD9959 Datasheet HTML 2Page - Analog Devices AD9959 Datasheet HTML 3Page - Analog Devices AD9959 Datasheet HTML 4Page - Analog Devices AD9959 Datasheet HTML 5Page - Analog Devices AD9959 Datasheet HTML 6Page - Analog Devices AD9959 Datasheet HTML 7Page - Analog Devices AD9959 Datasheet HTML 8Page - Analog Devices AD9959 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AD9959
Preliminary Technical Data
Rev. PrB | Page 8 of 9
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
SYNC_IN
I
Used to synchronize multiple AD9959s. Connect to the SYNC_OUT pin of the master AD9959.
2
SYNC_OUT
O
Used to synchronize multiple AD9959s. Connect to the SYNC_IN pin of the slave AD9959.
3
MASTER_RESET
I
Active high reset pin. Asserting the RESET pin forces the AD9959’s internal registers to their
default state, as described in the serial I/O port register map section in this document.
4
PWR_DWN_CTL
I
External Power-Down Control.
5,7,11,15,19,21,
26,31,33,37,39
AVDD
I
Analog Power Supply Pins (1.8V).
6,10,12,16,18,20,
25,28,32,34,38
AGND
I
Analog Ground Pins.
45, 55
DVDD
I
Digital Power Supply Pins (1.8 V).
44, 56
DGND
I
Digital Power Ground Pins.
8
CH2_IOUT
O
True DAC Output. Terminate into AVDD.
9
_________
CH2_IOUT
O
Complementary DAC Output. Terminate into AVDD.
13
CH3_IOUT
O
True DAC Output. Terminate into AVDD.
14
_________
CH3_IOUT
O
Complementary DAC Output. Terminate into AVDD.
17
DAC_RSET
I
Establishes the reference current for all DACs. A 1.962 kΩ resistor (nominal) is connected from
pin 17 to AGND.
22
OSC / REF_CLK
I
Complementary Reference Clock/Oscillator Input. When the REF_CLK is operated in single-
ended mode, this pin should be decoupled to AVDD or AGND with a 0.1 µF capacitor.
23
OSC / REF_CLK
I
Reference Clock/Oscillator Input. When the REF_CLK is operated in single-ended mode, this is
the input.
24
CLK_MODE_SEL
I
Control Pin for the Oscillator Section. When high (1.8V), the oscillator section is enabled to
accept a crystal as the REFCLK source. When low, the oscillator section is bypassed.
CAUTION: Do not drive this pin beyond 1.8V.
27
LOOP_FILTER
I
Connect to the external zero compensation network of the PLL loop filter for the REFCLK
multiplier. For a 20x multiplier value the network should be a 1.2kΩ resistor in series with a 1.2
nF capacitor tied to AVDD.
29
_________
CH0_IOUT
O
Complementary DAC Output. Terminate into AVDD.
30
CH0_IOUT
O
True DAC Output. Terminate into AVDD.
35
_________
CH1_IOUT
O
Complementary DAC Output. Terminate into AVDD.
36
CH1_IOUT
O
True DAC Output. Terminate into AVDD.
40, 41,
42, 43
PS0, PS1,
PS2, PS3
I
These Pins are synchronous to the SYNC_CLK (pin 54). Any change in Profile inputs transfers
the contents of the internal buffer memory to the I/O active registers (same as an external I/O
_UPDATE).
46
I/O_UPDATE
I
A rising edge detected on this pin transfers data from serial port buffer to active registers.
47
CS
I
Active low chip select allowing multiple devices to share a common I/O bus (SPI).
48
SCLK
I
Serial data clock for I/O operations. Data bits are written on rising edge of SCLK and read on
the falling edge of SCLK.
49
DVDD_I/O
I
3.3 V Digital Power Supply for SPI port and I/O (excluding CLK_MODE_SEL).
50, 51
52, 53
SDIO_0, SDIO_1
SDIO_2, SDIO_3
I/O
These data pins have multiple functions. Data I/O pins for the serial I/O port operation. They
are also used as data pins in modulation modes.
54
SYNC_CLK
O
I/O_UPDATE and Profile signals should meet the set-up and hold requirements with respect to
this signal in order to guarantee a fixed pipeline delay of data to DAC outputs.


유사한 부품 번호 - AD9959

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9959 AD-AD9959 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ AD-AD9959/PCBZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ1 AD-AD9959/PCBZ1 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results

유사한 설명 - AD9959

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9958 AD-AD9958 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50_11 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com