전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HCT139 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 M74HCT139
상세설명  DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT139 데이터시트(HTML) 1 Page - STMicroelectronics

  M74HCT139 Datasheet HTML 1Page - STMicroelectronics M74HCT139 Datasheet HTML 2Page - STMicroelectronics M74HCT139 Datasheet HTML 3Page - STMicroelectronics M74HCT139 Datasheet HTML 4Page - STMicroelectronics M74HCT139 Datasheet HTML 5Page - STMicroelectronics M74HCT139 Datasheet HTML 6Page - STMicroelectronics M74HCT139 Datasheet HTML 7Page - STMicroelectronics M74HCT139 Datasheet HTML 8Page - STMicroelectronics M74HCT139 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
s
HIGH SPEED:
tPD = 17ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 139
DESCRIPTION
The M74HCT139 is an high speed CMOS DUAL
TWO
LINE
TO
FOUR
LINE
DECODER/
DEMULTIPLEXER fabricated with silicon gate
C2MOS technology.
The active low enable input can be used for gating
or as a data input for demultiplexing applications.
While the enable input is held high, all four outputs
are high independently of the other inputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT139
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT139B1R
SOP
M74HCT139M1R
M74HCT139RM13TR
TSSOP
M74HCT139TTR
TSSOP
DIP
SOP


유사한 부품 번호 - M74HCT139

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HCT139 STMICROELECTRONICS-M74HCT139 Datasheet
239Kb / 9P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
M74HCT139B1R STMICROELECTRONICS-M74HCT139B1R Datasheet
239Kb / 9P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
M74HCT139C1R STMICROELECTRONICS-M74HCT139C1R Datasheet
239Kb / 9P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
M74HCT139M1R STMICROELECTRONICS-M74HCT139M1R Datasheet
239Kb / 9P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
More results

유사한 설명 - M74HCT139

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com