전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1266VOA 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC1266VOA
상세설명  200mA PCI LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1266VOA 데이터시트(HTML) 5 Page - Microchip Technology

  TC1266VOA Datasheet HTML 1Page - Microchip Technology TC1266VOA Datasheet HTML 2Page - Microchip Technology TC1266VOA Datasheet HTML 3Page - Microchip Technology TC1266VOA Datasheet HTML 4Page - Microchip Technology TC1266VOA Datasheet HTML 5Page - Microchip Technology TC1266VOA Datasheet HTML 6Page - Microchip Technology TC1266VOA Datasheet HTML 7Page - Microchip Technology TC1266VOA Datasheet HTML 8Page - Microchip Technology TC1266VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21377B-page 5
TC1266
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated
thermal
protection
circuitry
shuts
the
regulator off when die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 4-1:
The
maximum
allowable
power
dissipation
(Equation 4-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJMAX) and the thermal resistance from
junction-to-air (
θJA).
EQUATION 4-2:
Equation 4-1
can
be
used
in
conjunction
with
Equation 4-2 to ensure regulator thermal operation is
within limits. For example:
Given:
VINMAX
=5V± 5%
VOUTMIN =3.217V
ILOADMAX = 200mA
TJMAX
= 125°C
TAMAX
=70°C
θJA
= 130°C/W (SOIC)
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX –VOUTMIN)ILOADMAX
= (5.25V - 3.217V) 200mA
= 407mW
Maximum allowable power dissipation:
In this example, the TC1266 dissipates a maximum of
407mW; below the allowable limit of 423mW.
Where:
PD ≈ (VINMAX –VOUTMIN)ILOADMAX
PD
VINMAX
VOUTMIN
ILOADMAX
= Worst case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PDMAX =(TJMAX –TAMAX)
θJA
Where all terms are previously defined.
PDMAX =(TJMAX –TAMAX)
θJA
= (125 – 70)
130
= 423mW


유사한 부품 번호 - TC1266VOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1266VOA MICROCHIP-TC1266VOA Datasheet
302Kb / 18P
   200mA PCI LDO
2001-2012 11/27/12
More results

유사한 설명 - TC1266VOA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
   200mA PCI LDO
2001-2012 11/27/12
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
   200mA LDO
MM3411 MITSUMI-MM3411 Datasheet
283Kb / 24P
   200mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
   Negative output 200mA LDO
logo
Microchip Technology
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com