전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC299 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HC299
상세설명  8-bit universal shift register; 3-state
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC299 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HC299 Datasheet HTML 3Page - NXP Semiconductors 74HC299 Datasheet HTML 4Page - NXP Semiconductors 74HC299 Datasheet HTML 5Page - NXP Semiconductors 74HC299 Datasheet HTML 6Page - NXP Semiconductors 74HC299 Datasheet HTML 7Page - NXP Semiconductors 74HC299 Datasheet HTML 8Page - NXP Semiconductors 74HC299 Datasheet HTML 9Page - NXP Semiconductors 74HC299 Datasheet HTML 10Page - NXP Semiconductors 74HC299 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 1990
9
Philips Semiconductors
Product specification
8-bit universal shift register; 3-state
74HC/HCT299
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Q0, Q7
22
37
46
56
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CP to I/On
22
37
46
56
ns
4.5
Fig.6
tPHL
propagation delay
MR to Q0, Q7 or I/On
27
46
58
69
ns
4.5
Fig.7
tPZH/ tPZL
3-state output enable time
OEn to I/On
19
30
38
45
ns
4.5
Fig.9
tPHZ
3-state output disable time
OEn to I/On
24
37
46
56
ns
4.5
Fig.9
tPLZ
3-state output disable time
OEn to I/On
20
32
40
48
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
bus driver (I/On)
5
12
15
18
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
standard (Q0, Q7)
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
20
10
25
30
ns
4.5
Fig.6
tW
master reset pulse width
LOW
20
11
25
30
ns
4.5
Fig.7
trem
removal time
MR to CP
10
2
9
11
ns
4.5
Fig.7
tsu
set-up time
I/On, DSR, DSL to CP
25
14
31
38
ns
4.5
Fig.6
tsu
set-up time
S0, S1 to CP
32
18
40
48
ns
4.5
Fig.8
th
hold time
I/On, DSR, DSL to CP
0
−11
0
0
ns
4.5
Fig.6
th
hold time
S0, S1 to CP
0
−17
0
0
ns
4.5
Fig.8
fmax
maximum clock pulse
frequency
25
42
20
17
MHz
4.5
Fig.6


유사한 부품 번호 - 74HC299

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299D NXP-74HC299D Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299D NEXPERIA-74HC299D Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results

유사한 설명 - 74HC299

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com