전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC081000 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 ADC081000
상세설명  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC081000 Datasheet HTML 4Page - National Semiconductor (TI) ADC081000 Datasheet HTML 5Page - National Semiconductor (TI) ADC081000 Datasheet HTML 6Page - National Semiconductor (TI) ADC081000 Datasheet HTML 7Page - National Semiconductor (TI) ADC081000 Datasheet HTML 8Page - National Semiconductor (TI) ADC081000 Datasheet HTML 9Page - National Semiconductor (TI) ADC081000 Datasheet HTML 10Page - National Semiconductor (TI) ADC081000 Datasheet HTML 11Page - National Semiconductor (TI) ADC081000 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
800mV
P-P,CL = 10 pF, Differential, a.c. coupled Sinewave Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, REXT = 3300
± 0.1%, Analog Signal Source Impedance = 100
Ω. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C,
unless otherwise stated. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
DIGITAL CONTROL PIN CHARACTERISTICS
V
IH
Logic High Input Voltage
(Note 12)
1.4
V (min)
V
IL
Logic Low Input Voltage
(Note 12)
0.5
V (max)
I
I
Input Current
V
IN =0orVIN =VA
±1µA
C
IN
Logic Input Capacitance (Note 13)
Each input to ground
1.2
pF
DIGITAL OUTPUT CHARACTERISTICS
V
OD
LVDS Differential Output Voltage
OutV = V
A, measured single-ended
300
200
mV
P-P (min)
450
mV
P-P (max)
OutV = GND, measured
single-ended
225
140
mV
P-P (min)
340
mV
P-P (max)
∆ V
OD
DIFF
Change in LVDS Output Swing
Between Logic Levels
±1mV
V
OS
Output Offset Voltage
800
mV
∆ V
OS
Output Offset Voltage Change
Between Logic Levels
±1mV
I
OS
Output Short Circuit Current
Output+ & Output- connected to
0.8V
−4
mA
Z
O
Differential Output Impedance
100
Ohms
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD = Low
PD = High
646
4.5
792
mA (max)
mA
I
DR
Output Driver Supply Current
PD = Low
108
160
mA (max)
PD = High
0.1
mA
P
D
Power Consumption
PD = Low
1.43
1.8
W (max)
PD = High
8.7
mW
PSRR1
D.C. Power Supply Rejection Ratio
Change in Offset Error with change
in V
A from 1.8V to 2.0V
73
dB
AC ELECTRICAL CHARACTERISTICS
f
CLK1
Maximum Conversion Rate
T
A = 85˚C
1.1
1.0
GHz (min)
T
A
≤ 75˚C
1.3
GHz
T
A
≤ 70˚C
1.6
GHz
f
CLK2
Minimum Conversion Rate
200
MHz
Input Clock Duty Cycle
200 MHz
≤ Input clock frequency <
1 GHz
50
20
80
% (min)
% (max)
t
CL
Input Clock Low Time (Note 12)
500
200
ps (min)
t
CH
Input Clock High Time (Note 12)
500
200
ps (min)
DCLK Duty Cycle (Note 12)
50
45
55
% (min)
% (max)
t
LHT
Differential Low to High Transition
Time
10% to 90%, C
L = 2.5 pF
250
ps
t
HLT
Differential High to Low Transition
Time
10% to 90%, C
L = 2.5 pF
250
ps
t
OSK
DCLK to Data Output Skew
(Note 11)
50% of DCLK transition to 50% of
Data transition
0
±200
ps (max)
t
AD
Sampling (Aperture) Delay
Input CLK+ Fall to Acquisition of
Data
930
ps
www.national.com
8


유사한 부품 번호 - ADC081000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000CIYB/NOPB TI1-ADC081000CIYB/NOPB Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

유사한 설명 - ADC081000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com