전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-L8150 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 E-L8150
상세설명  Brushless motor predriver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L8150 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button E-L8150 Datasheet HTML 5Page - STMicroelectronics E-L8150 Datasheet HTML 6Page - STMicroelectronics E-L8150 Datasheet HTML 7Page - STMicroelectronics E-L8150 Datasheet HTML 8Page - STMicroelectronics E-L8150 Datasheet HTML 9Page - STMicroelectronics E-L8150 Datasheet HTML 10Page - STMicroelectronics E-L8150 Datasheet HTML 11Page - STMicroelectronics E-L8150 Datasheet HTML 12Page - STMicroelectronics E-L8150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L8150
Electrical characteristcs
9/37
3
Electrical characteristcs
Tamb = 25 °C, VCC =15V, VREG = 5V unless otherwise specified
T
Table 4.
Supply Voltage Terminal VCC
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
current consumption 1-1
ICC1-1
VCC
10.0
20.0
mA
Table 5.
Regulator Output Terminal Vreg
NO.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
output voltage
VREG
VREG
4.7
5.0
5.3
V
2
voltage variation
∆V
REG1
VREG
40
100
mV
VCC1=12.75 to 17.25V
3
load variation
∆V
REG2
VREG
5
30
mV
IO=5 TO 20mA (note 1)
4
thermal coefficient
∆V
REG3
VREG
0
mV/
°C
Table 6.
Driver Output Terminal UH,VH,WH,UL,VL,WL
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
2
H level output voltage 2
VOH
UH,…
3.70
V
IOH=-2.5mA
4
L level output voltage 2
VOL
UH,…
0.40
V
IOL=2.5mA
Table 7.
Dead Time Select Terminal SD
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
H level input voltage
VSDTH
SDT
9/10 Vreg
Vreg
V
dead time =0 usec
2
M level input voltage
VSDTM
SDT
4/10 Vreg
6/10 Vreg
V
dead time=1.5usec
(Tdeadtime=15xTck)
3
L level input voltage
VSDTL
SDT
0
1/10 Vreg
V
dead time=1.0usec
(Tdeadtime=10xTck)
Table 8.
Hall Sensor Input Terminal HUP,HUN,HVP,HVN,HWP,HWN
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
input bias current
IHB(HA)
HUP,…
-2
uA
2
common mode input
range
VICM
HUP,…
0.50
3.00
V
for hall device
3
input voltage range
VI
HUP,…
0.00
5.00
V
for hall IC, note 2
4
hall input sensitivity
HUP,…
50
mVp-p
5
hysteresis width
∆V
IN(HA)
HUP,…
20
30
50
mV
6
hysteresis L -> H
VSLH(HA)
HUP,…
5
15
25
mV
7
hysteresis H -> L
VSHL(HA)
HUP,…
-25
-15
-5
mV


유사한 부품 번호 - E-L8150

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
   2.5 A switch step down switching regulator
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
E-L4973D3.3 STMICROELECTRONICS-E-L4973D3.3 Datasheet
367Kb / 27P
   3.5A step down switching regulator
More results

유사한 설명 - E-L8150

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8105W ONSEMI-LV8105W Datasheet
171Kb / 21P
   Three-Phase Brushless Motor Predriver
July, 2013
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
NEC
UPC1246C NEC-UPC1246C Datasheet
1Mb / 10P
   PREDRIVER FOR 3-PHASES DC BRUSHLESS MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com