전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

74LVC126A 데이터시트(Datasheet) 3 Page - NXP Semiconductors

부품명 74LVC126A
상세내용  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 3 page
background image
2003 Feb 28
3
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
PINNING
INPUT
OUTPUT
nOE
nA
nY
HL
L
HHH
LX
Z
PIN
SYMBOL
DESCRIPTION
1
1OE
data enable input (active HIGH)
2
1A
data input
3
1Y
data output
4
2OE
data enable input (active HIGH)
5
2A
data input
6
2Y
data output
7
GND
ground (0 V)
8
3Y
data output
9
3A
data input
10
3OE
data enable input (active HIGH)
11
4Y
data output
12
4A
data input
13
4OE
data enable input (active HIGH)
14
VCC
supply voltage




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IDT74LVC162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
LVC257AQuad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
IDT74LVCH16244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
74LVC125AQuad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVC257AQuad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
IDT74VC16244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC244A3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC827A3.3V CMOS 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl