전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC126ABQ 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVC126ABQ
상세설명  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126ABQ 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC126ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2003 Feb 28
9
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
AC WAVEFORMS
handbook, halfpage
MNA237
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Fig.6 The input nA to output nY propagation delays.
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5VCC at VCC < 2.7 V;
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA684
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
Fig.7 3-state enable and disable times.
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5VCC at VCC < 2.7 V;
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.1 V at VCC < 2.7 V;
VY =VOH +0.3VatVCC ≥ 2.7 V;
VY =VOH +0.1VatVCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.


유사한 부품 번호 - 74LVC126ABQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC126ABQ NEXPERIA-74LVC126ABQ Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126ABQ-Q100 NEXPERIA-74LVC126ABQ-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results

유사한 설명 - 74LVC126ABQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com