전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4015D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HCT4015D
상세설명  Dual 4-bit serial-in/parallel-out shift register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4015D 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HCT4015D Datasheet HTML 1Page - NXP Semiconductors 74HCT4015D Datasheet HTML 2Page - NXP Semiconductors 74HCT4015D Datasheet HTML 3Page - NXP Semiconductors 74HCT4015D Datasheet HTML 4Page - NXP Semiconductors 74HCT4015D Datasheet HTML 5Page - NXP Semiconductors 74HCT4015D Datasheet HTML 6Page - NXP Semiconductors 74HCT4015D Datasheet HTML 7Page - NXP Semiconductors 74HCT4015D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
December 1990
2
Philips Semiconductors
Product specification
Dual 4-bit serial-in/parallel-out shift
register
74HC/HCT4015
FEATURES
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4015 are high-speed Si-gate CMOS
devices and are pin compatible with the “4015” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4015 are dual edge-triggered 4-bit static
shift registers (serial-to-parallel converters). Each shift
register has a serial data input (1D and 2D), a clock input
(1CP and 2CP), four fully buffered parallel outputs (1Q0 to
1Q3 and 2Q0 to 2Q3) and an overriding asynchronous
master reset (1MR and 2MR). Information present on nD
is shifted to the first register position, and all data in the
register is shifted one position to the right on the
LOW-to-HIGH transition of nCP.
A HIGH on nMR clears the register and forces nQ0 to nQ3
to LOW, independent of nCP and nD.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay nCP to nQn
CL = 15 pF; VCC = 5 V 1618ns
fmax
maximum clock frequency
110
74
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per register
notes 1 and 2
35
40
pF


유사한 부품 번호 - 74HCT4015D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT401 PHILIPS-74HCT401 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
74HCT40102 PHILIPS-74HCT40102 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
74HCT40103 PHILIPS-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HCT40103D PHILIPS-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
More results

유사한 설명 - 74HCT4015D

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com