전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC088S052 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 ADC088S052
상세설명  8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S052 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC088S052 Datasheet HTML 7Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 8Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 9Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 10Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 11Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 12Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 13Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 14Page - National Semiconductor (TI) ADC088S052 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Typical Performance Characteristics V
A =VD = +5.0V, TA = +25˚C, fSAMPLE = 500 kSPS, fSCLK =8
MHz, f
IN = 40.2 kHz unless otherwise stated. (Continued)
SNR vs. SCLK
THD vs. SCLK
20166662
20166665
ENOB vs. SCLK
DNL vs. Temperature
20166653
20166657
INL vs. Temperature
SNR vs. Temperature
20166660
20166663
www.national.com
11


유사한 부품 번호 - ADC088S052

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC088S052 TI1-ADC088S052 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMT TI1-ADC088S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMT/NOPB TI1-ADC088S052CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMTX TI1-ADC088S052CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMTX/NOPB TI1-ADC088S052CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results

유사한 설명 - ADC088S052

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com