전자부품 데이터시트 검색엔진 |
|
AM85C30-8 데이터시트(PDF) 4 Page - Advanced Micro Devices |
|
AM85C30-8 데이터시트(HTML) 4 Page - Advanced Micro Devices |
4 / 68 page AMD 4 Am85C30 ORDERING INFORMATION Commodity Products -8 = 8.192 MHz -10 = 10 MHz -16 = 16.384 MHz AMD commodity products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: AM85C30 P C OPTIONAL PROCESSING TEMPERATURE RANGE C = Commercial (0 to +70 °C) PACKAGE TYPE P = 40-Pin Plastic DIP (PD 040) J = 44-Pin Plastic Leaded Chip Carrier (PL 044) SPEED OPTION DEVICE NUMBER/DESCRIPTION Am85C30 Enhanced Serial Communications Controller Blank = Standard Processing Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and check on newly released combinations. Valid Combinations AM85C30-8 AM85C30-10 AM85C30-16 PC, JC -10 |
유사한 부품 번호 - AM85C30-8 |
|
유사한 설명 - AM85C30-8 |