전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F151ASJ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74F151ASJ
상세설명  8-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F151ASJ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74F151ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74F151ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74F151ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74F151ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74F151ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74F151ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74F151ASJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
4.0
6.2
9.0
3.5
9.5
ns
tPHL
Sn to Z
3.2
5.2
7.5
3.2
7.5
tPLH
Propagation Delay
4.5
7.5
10.5
4.5
12.0
ns
tPHL
Sn to Z
4.0
6.2
9.0
4.0
9.0
tPLH
Propagation Delay
3.0
4.7
6.1
3.0
7.0
ns
tPHL
E to Z
3.0
4.4
6.0
2.5
6.0
tPLH
Propagation Delay
5.0
7.0
9.5
4.0
10.5
ns
tPHL
E to Z
3.5
5.3
7.0
3.0
7.5
tPLH
Propagation Delay
3.0
4.8
6.5
3.0
7.0
ns
tPHL
In to Z
1.5
2.5
4.0
1.5
5.0
tPLH
Propagation Delay
3.0
4.8
6.5
2.5
7.5
ns
tPHL
In to Z
3.7
5.5
7.0
3.7
7.5


유사한 부품 번호 - 74F151ASJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F151ASJ NSC-74F151ASJ Datasheet
158Kb / 8P
   8-Input Multiplexer
More results

유사한 설명 - 74F151ASJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com