전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4510 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC4510
상세설명  BCD up/down counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4510 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4510 Datasheet HTML 4Page - NXP Semiconductors 74HC4510 Datasheet HTML 5Page - NXP Semiconductors 74HC4510 Datasheet HTML 6Page - NXP Semiconductors 74HC4510 Datasheet HTML 7Page - NXP Semiconductors 74HC4510 Datasheet HTML 8Page - NXP Semiconductors 74HC4510 Datasheet HTML 9Page - NXP Semiconductors 74HC4510 Datasheet HTML 10Page - NXP Semiconductors 74HC4510 Datasheet HTML 11Page - NXP Semiconductors 74HC4510 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
December 1990
10
Philips Semiconductors
Product specification
BCD up/down counter
74HC/HCT4510
Fig.9
Waveforms showing the preset enable
pulse width, preset enable to output
delays and output transition times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the master reset pulse,
master reset to terminal count and Qn delay
and master reset to clock removal time.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing the data set-up and
hold times to parallel load (PL).
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


유사한 부품 번호 - 74HC4510

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4511 PHILIPS-74HC4511 Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HC4511 NEXPERIA-74HC4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HC4511D PHILIPS-74HC4511D Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HC4511D NEXPERIA-74HC4511D Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HC4511N PHILIPS-74HC4511N Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
More results

유사한 설명 - 74HC4510

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
   PRESETTABLE BCD UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
   SYNCHRONOUS BCD UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com