전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT8646DW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABT8646DW
상세설명  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8646DW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABT8646DW Datasheet HTML 1Page - Texas Instruments SN74ABT8646DW Datasheet HTML 2Page - Texas Instruments SN74ABT8646DW Datasheet HTML 3Page - Texas Instruments SN74ABT8646DW Datasheet HTML 4Page - Texas Instruments SN74ABT8646DW Datasheet HTML 5Page - Texas Instruments SN74ABT8646DW Datasheet HTML 6Page - Texas Instruments SN74ABT8646DW Datasheet HTML 7Page - Texas Instruments SN74ABT8646DW Datasheet HTML 8Page - Texas Instruments SN74ABT8646DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SN54ABT8646, SN74ABT8646
SCAN TEST DEVICES WITH
OCTAL BUS TRANSCEIVERS AND REGISTERS
SCBS123F − AUGUST 1992 − REVISED APRIL 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
SCOPE
 Family of Testability Products
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D Functionally Equivalent to ’F646 and
’ABT646 in the Normal-Function Mode
D SCOPE  Instruction Set
− IEEE Standard 1149.1-1990 Required
Instructions, Optional INTEST, CLAMP,
and HIGHZ
− Parallel-Signature Analysis at Inputs
With Masking Option
− Pseudorandom Pattern Generation From
Outputs
− Sample Inputs/Toggle Outputs
− Binary Count From Outputs
− Even-Parity Opcodes
D Two Boundary-Scan Cells Per I/O for
Greater Flexibility
D State-of-the-Art EPIC-ΙΙB BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DL) Packages, Ceramic Chip
Carriers (FK), and Standard Ceramic DIPs
(JT)
description
The ’ABT8646 and scan-test devices with octal
bus transceivers and registers are members of the
Texas
Instruments
SCOPE
testability
integrated-circuit family. This family of devices
supports IEEE Standard 1149.1-1990 boundary
scan to facilitate testing of complex circuit-board
assemblies. Scan access to the test circuitry is
accomplished via the 4-wire test access port
(TAP) interface.
In the normal mode, these devices are functionally equivalent to the ’F646 and ’ABT646 octal bus transceivers
and registers. The test circuitry can be activated by the TAP to take snapshot samples of the data appearing
at the device pins or to perform a self-test on the boundary-test cells. Activating the TAP in normal mode does
not affect the functional operation of the SCOPE
 octal bus transceivers and registers.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SCOPE and EPIC-
ΙΙB are trademarks of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLKAB
SAB
DIR
A1
A2
A3
GND
A4
A5
A6
A7
A8
TDO
TMS
CLKBA
SBA
OE
B1
B2
B3
B4
VCC
B5
B6
B7
B8
TDI
TCK
32 1
13 14
5
6
7
8
9
10
11
B7
B8
TDI
TCK
TMS
TDO
A8
OE
SBA
CLKBA
CLKAB
SAB
DIR
A1
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
SN54ABT8646 . . . JT PACKAGE
SN74ABT8646 . . . DL OR DW PACKAGE
(TOP VIEW)
SN54ABT8646 . . . FK PACKAGE
(TOP VIEW)
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - SN74ABT8646DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT861 TI-SN74ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT861DW TI-SN74ABT861DW Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT861NT TI-SN74ABT861NT Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT863 TI-SN74ABT863 Datasheet
264Kb / 12P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT863 TI-SN74ABT863 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT8646DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8652 TI-SN54ABT8652_07 Datasheet
682Kb / 33P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8952 TI-SN54ABT8952_07 Datasheet
529Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com