전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC583 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC583
상세설명  4-bit full adder with fast carry
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC583 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HC583 Datasheet HTML 2Page - NXP Semiconductors 74HC583 Datasheet HTML 3Page - NXP Semiconductors 74HC583 Datasheet HTML 4Page - NXP Semiconductors 74HC583 Datasheet HTML 5Page - NXP Semiconductors 74HC583 Datasheet HTML 6Page - NXP Semiconductors 74HC583 Datasheet HTML 7Page - NXP Semiconductors 74HC583 Datasheet HTML 8Page - NXP Semiconductors 74HC583 Datasheet HTML 9Page - NXP Semiconductors 74HC583 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1998 Mar 31
6
Philips Semiconductors
Product specification
4-bit full adder with fast carry
74HC/HCT583
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max
.
tPHL/ tPLH
propagation delay
CIN to ∑0
50
155
195
235
ns
2.0
Fig.6
18
31
39
47
4.5
14
26
33
40
6.0
tPHL/ tPLH
propagation delay
CIN to ∑1
113
350
440
525
ns
2.0
Fig.6
41
70
88
105
4.5
33
60
75
90
6.0
tPHL/ tPLH
propagation delay
CIN to ∑2
100
305
380
460
ns
2.0
Fig.6
36
61
76
92
4.5
29
52
65
78
6.0
tPHL/ tPLH
propagation delay
CIN to ∑3
110
340
425
510
ns
2.0
Fig.6
40
68
85
102
4.5
32
58
72
87
6.0
tPHL/ tPLH
propagation delay
An or Bn to ∑0
50
155
195
235
ns
2.0
Fig.6
18
31
39
47
4.5
14
26
33
40
6.0
tPHL/ tPLH
propagation delay
An or Bn to ∑1
120
365
455
550
ns
2.0
Fig.6
43
73
91
110
4.5
34
62
77
94
6.0
tPHL/ tPLH
propagation delay
An or Bn to ∑2
105
325
405
490
ns
2.0
Fig.6
38
65
81
98
4.5
30
55
69
83
6.0
tPHL/ tPLH
propagation delay
An or Bn to ∑3
116
355
445
535
ns
2.0
Fig.6
42
71
89
107
4.5
34
60
76
91
6.0
tPHL/ tPLH
propagation delay
CIN to Cn+4
63
195
245
295
ns
2.0
Fig.6
23
39
49
59
4.5
18
33
42
50
6.0
tPHL/ tPLH
propagation delay
An to Cn+4
72
220
275
330
ns
2.0
Fig.6
26
44
55
66
4.5
21
37
47
56
6.0


유사한 부품 번호 - 74HC583

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC58 PHILIPS-74HC58 Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
logo
Motorola, Inc
74HC589 MOTOROLA-74HC589 Datasheet
266Kb / 10P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
logo
NXP Semiconductors
74HC58D PHILIPS-74HC58D Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
74HC58DB PHILIPS-74HC58DB Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
74HC58N PHILIPS-74HC58N Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
More results

유사한 설명 - 74HC583

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com