전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD060SC200B 데이터시트(PDF) 2 Page - Sensitron

부품명 SD060SC200B
상세설명  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD060SC200B 데이터시트(HTML) 2 Page - Sensitron

  SD060SC200B Datasheet HTML 1Page - Sensitron SD060SC200B Datasheet HTML 2Page - Sensitron SD060SC200B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD060SC200A/B
Technical Data
Data Sheet 4939, Rev.-
Mechanical Dimensions: In Inches / mm
Technical Data
Bottom side metalization Ag - 30 kÅ minimum.
Top side metalization Al - 25 kÅ minimum
or Ag - 30 kÅ minimum.
Bottom side is cathode, top side is anode.
Dimension H = 0.0105 ± 0.001 (0.27 ± 0.026) for Al top;
Dimension H = 0.0155 ± 0.001 (0.39 ± 0.026) for Ag top.
H
0.054
± 0.003
(1.37
± 0.077)
0.060
± 0.003
(1.52
± 0.077)
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - VF (V)
10-3
10-2
10-1
100
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
10-5
10-4
10-3
10-2
10-1
100
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
0
15
30
45
60
Typical Junction Capacitance


유사한 부품 번호 - SD060SC200B

제조업체부품명데이터시트상세설명
logo
Sensitron
SD060SC100A SENSITRON-SD060SC100A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD060SC100B SENSITRON-SD060SC100B Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD060SC150A SENSITRON-SD060SC150A Datasheet
153Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 C TJ Operation)
SD060SC150B SENSITRON-SD060SC150B Datasheet
153Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 C TJ Operation)
More results

유사한 설명 - SD060SC200B

제조업체부품명데이터시트상세설명
logo
Sensitron
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA45A SENSITRON-SD090SA45A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SA30A SENSITRON-SD200SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SC200A SENSITRON-SD200SC200A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC200A SENSITRON-SD125SC200A Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SA30A SENSITRON-SD040SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SC200A SENSITRON-SD040SC200A Datasheet
56Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com