전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC6323A 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC6323A
상세설명  Programmable ripple counter with oscillator; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC6323A 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HC6323A Datasheet HTML 2Page - NXP Semiconductors 74HC6323A Datasheet HTML 3Page - NXP Semiconductors 74HC6323A Datasheet HTML 4Page - NXP Semiconductors 74HC6323A Datasheet HTML 5Page - NXP Semiconductors 74HC6323A Datasheet HTML 6Page - NXP Semiconductors 74HC6323A Datasheet HTML 7Page - NXP Semiconductors 74HC6323A Datasheet HTML 8Page - NXP Semiconductors 74HC6323A Datasheet HTML 9Page - NXP Semiconductors 74HC6323A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
September 1993
6
Philips Semiconductors
Product specification
Programmable ripple counter with
oscillator; 3-state
74HC/HCT6323A
VOL
LOW level
output voltage
OUT
0.26
0.26
0.33
0.33
0.4
0.4
V
V
4.5
6.0
VIH or VIL
IO = 6 mA
IO = 7.8 mA
±ILI
input leakage
current X1
−−
0.1
1
1
µA
6.0
MR = VCC
S1 = VCC
S2 = VCC
−II
input pull-up
current S1, S2
and MR
5
30
100
−−−
µA
6.0
GND
see Fig.11
and Fig.12
ICC
quiescent
supply current
−−
8
80
160
µA
6.0
VCC or
GND
IO = 0
SYMBOL
PARAMETER
Tamb(°C)
UNIT
TEST CONDITION
25
−40 to 85
−40 to 125
VCC
(V)
VI
OTHER
MIN
TYP MAX
MIN
MAX
MIN
MAX


유사한 부품 번호 - 74HC6323A

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC6323A NEXPERIA-74HC6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
74HC6323AD NEXPERIA-74HC6323AD Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
More results

유사한 설명 - 74HC6323A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC9323A PHILIPS-74HC9323A Datasheet
44Kb / 6P
   Programmable ripple counter with oscillator 3-State
1995 Oct 27
logo
Nexperia B.V. All right...
74HCT6323A NEXPERIA-74HCT6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com