전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC640 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HC640
상세설명  Octal bus transceiver; 3-state; inverting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC640 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HC640 Datasheet HTML 1Page - NXP Semiconductors 74HC640 Datasheet HTML 2Page - NXP Semiconductors 74HC640 Datasheet HTML 3Page - NXP Semiconductors 74HC640 Datasheet HTML 4Page - NXP Semiconductors 74HC640 Datasheet HTML 5Page - NXP Semiconductors 74HC640 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
March 1988
2
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state; inverting
74HC/HCT640
FEATURES
• Octal bidirectional bus interface
• Inverting 3-state outputs
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT640 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT640 are octal transceivers featuring
inverting 3-state bus compatible outputs in both send and
receive directions.
The “640” features an output enable (OE) input for easy
cascading and a send/receive (DIR) for direction control.
OE controls the outputs so that the buses are effectively
isolated. The “640” is similar to the “245” but has inverting
outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
An to Bn;
Bn to An
CL = 15 pF; VCC = 5 V
9
9
ns
CI
input capacitance
3.5
3.5
pF
CI/O
input/output capacitance
10
10
pF
CPD
power dissipation capacitance
per transceiver
notes 1 and 2
35
35
pF


유사한 부품 번호 - 74HC640

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC643 PHILIPS-74HC643 Datasheet
52Kb / 6P
   Octal bus transceiver; 3-state; true/inverting
December 1990
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HC646D PHILIPS-74HC646D Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HC646DB PHILIPS-74HC646DB Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HC646N PHILIPS-74HC646N Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results

유사한 설명 - 74HC640

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com