전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT597N 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74HCT597N
상세설명  8-bit shift register with input flip-flops
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT597N 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT597N Datasheet HTML 4Page - NXP Semiconductors 74HCT597N Datasheet HTML 5Page - NXP Semiconductors 74HCT597N Datasheet HTML 6Page - NXP Semiconductors 74HCT597N Datasheet HTML 7Page - NXP Semiconductors 74HCT597N Datasheet HTML 8Page - NXP Semiconductors 74HCT597N Datasheet HTML 9Page - NXP Semiconductors 74HCT597N Datasheet HTML 10Page - NXP Semiconductors 74HCT597N Datasheet HTML 11Page - NXP Semiconductors 74HCT597N Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
December 1990
11
Philips Semiconductors
Product specification
8-bit shift register with input flip-flops
74HC/HCT597
AC WAVEFORMS
Fig.7
Waveforms showing the SHCP and STCP
inputs to Q output propagation delays, the
SHCP and STCP pulse widths and maximum
clock pulse frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the MR input to Q
output propagation delays and the MR
pulse width.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the PL input to Q
output propagation delays, PL pulse width
and output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the MR input to SHCP,
STCP removal times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.


유사한 부품 번호 - 74HCT597N

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT597 NEXPERIA-74HCT597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
74HCT597-Q100 NEXPERIA-74HCT597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
74HCT597D NEXPERIA-74HCT597D Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
74HCT597D-Q100 NEXPERIA-74HCT597D-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HCT597D-Q100 NEXPERIA-74HCT597D-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
More results

유사한 설명 - 74HCT597N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC_HCT597 PHILIPS-74HC_HCT597_15 Datasheet
218Kb / 23P
   8-bit shift register with input flip-flops
Rev. 3-15 April 2014
logo
Nexperia B.V. All right...
74HCT597-Q100 NEXPERIA-74HCT597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
74HC597-Q100 NEXPERIA-74HC597-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HCT597 NEXPERIA-74HCT597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com