전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC652N 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74HC652N
상세설명  Octal bus transceiver/register; 3-state
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC652N 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74HC652N Datasheet HTML 2Page - NXP Semiconductors 74HC652N Datasheet HTML 3Page - NXP Semiconductors 74HC652N Datasheet HTML 4Page - NXP Semiconductors 74HC652N Datasheet HTML 5Page - NXP Semiconductors 74HC652N Datasheet HTML 6Page - NXP Semiconductors 74HC652N Datasheet HTML 7Page - NXP Semiconductors 74HC652N Datasheet HTML 8Page - NXP Semiconductors 74HC652N Datasheet HTML 9Page - NXP Semiconductors 74HC652N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
September 1993
7
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT652
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI.
Note to the HCT types
The value of additional quiescent supply current (
∆ICC) for unit a load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF.
INPUT
UNIT LOAD COEFFICIENT
SAB, SBA
0.75
A0 to A7 and B0 to B7
0.75
CPAB, CPBA
1.50
OEAB
1.50
OEBA
1.50
INPUT
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
+25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN. TYP. MAX.
MIN. MAX. MIN.
MAX.
tPHL/tPLH
propagation delay
An, Bn to Bn, An
16
27
34
41
ns
4.5
Fig.6
tPHL/tPLH
propagation delay
CPAB, CPBA to Bn, An
23
39
49
59
ns
4.5
Fig.7
tPHL/tPLH
propagation delay
SAB, SBA to Bn, An
27
46
55
66
ns
4.5
Fig.8
tPZH/tPZL
3-state output enable
time
OEAB, OEBA to An, Bn
18
33
41
50
ns
4.5
Fig.9
tPHZ/tPLZ
3-state output disable
time
OEAB, OEBA to An, Bn
16
35
44
53
ns
4.5
Fig.9
tTHL/tTLH
output transition time
512
15
18
ns
4.5
Fig.6, 8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
16
6
20
24
ns
4.5
Fig.7
tsu
set-up time
An, Bn to CPAB, CPBA
10
5
13
15
ns
4.5
Fig.7
th
hold time
An, Bn to CPAB, CPBA
5
−2
6
8
ns
4.5
Fig.7
fmax
maximum clock pulse
frequency
30
83
24
20
MHz
4.5
Fig.7


유사한 부품 번호 - 74HC652N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74HC620 STMICROELECTRONICS-74HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
logo
NXP Semiconductors
74HC6323 PHILIPS-74HC6323 Datasheet
90Kb / 15P
   Programmable ripple counter with oscillator; 3-state
September 1993
74HC6323A PHILIPS-74HC6323A Datasheet
90Kb / 15P
   Programmable ripple counter with oscillator; 3-state
September 1993
logo
Nexperia B.V. All right...
74HC6323A NEXPERIA-74HC6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC6323AD PHILIPS-74HC6323AD Datasheet
90Kb / 15P
   Programmable ripple counter with oscillator; 3-state
September 1993
More results

유사한 설명 - 74HC652N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com