전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT7046A 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HCT7046A
상세설명  Phase-locked-loop with lock detector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7046A 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT7046A Datasheet HTML 6Page - NXP Semiconductors 74HCT7046A Datasheet HTML 7Page - NXP Semiconductors 74HCT7046A Datasheet HTML 8Page - NXP Semiconductors 74HCT7046A Datasheet HTML 9Page - NXP Semiconductors 74HCT7046A Datasheet HTML 10Page - NXP Semiconductors 74HCT7046A Datasheet HTML 11Page - NXP Semiconductors 74HCT7046A Datasheet HTML 12Page - NXP Semiconductors 74HCT7046A Datasheet HTML 13Page - NXP Semiconductors 74HCT7046A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
December 1990
10
Philips Semiconductors
Product specification
Phase-locked-loop with lock detector
74HC/HCT7046A
DC CHARACTERISTICS FOR 74HC
Quiescent supply current
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
ICC
quiescent supply
current
(VCO disabled)
8.0
80.0
160.0
µA
6.0
pins 3, 5, and 14 at
VCC; pin 9 at GND;
II at pins 3 and 14
to be excluded


유사한 부품 번호 - 74HCT7046A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT7046A NXP-74HCT7046A Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results

유사한 설명 - 74HCT7046A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com