전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

540VW6C 데이터시트(PDF) 4 Page - HB Electronic Components

부품명 540VW6C
상세설명  LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HB [HB Electronic Components]
홈페이지  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540VW6C 데이터시트(HTML) 4 Page - HB Electronic Components

  540VW6C Datasheet HTML 1Page - HB Electronic Components 540VW6C Datasheet HTML 2Page - HB Electronic Components 540VW6C Datasheet HTML 3Page - HB Electronic Components 540VW6C Datasheet HTML 4Page - HB Electronic Components 540VW6C Datasheet HTML 5Page - HB Electronic Components 540VW6C Datasheet HTML 6Page - HB Electronic Components 540VW6C Datasheet HTML 7Page - HB Electronic Components 540VW6C Datasheet HTML 8Page - HB Electronic Components 540VW6C Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page:
3B
Chromaticity Coordinates Ranks (IF=20mA
Ta=25℃)
X
0.243
0.215
0.230
0.263
X
0.263
0.246
0.264
0.280
Wa1
Y
0.200
0.230
0.250
0.220
Wa2
Y
0.220
0.236
0.267
0.248
X
0.246
0.230
0.248
0.264
X
0.280
0.264
0.283
0.296
Wa3
Y
0.236
0.250
0.286
0.267
Wb1
Y
0.248
0.267
0.305
0.276
X
0.264
0.248
0.275
0.283
X
0.296
0.287
0.330
0.330
Wb2
Y
0.267
0.286
0.321
0.305
Wc1
Y
0.276
0.295
0.339
0.318
X
0.287
0.283
0.330
0.330
X
0.283
0.275
0.298
0.306
Wc2
Y
0.295
0.305
0.360
0.339
Wc3
Y
0.305
0.321
0.350
0.332
X
0.306
0.298
0.321
0.330
X
0.330
0.330
0.361
0.356
Wc4
Y
0.332
0.350
0.379
0.360
Wd1
Y
0.318
0.360
0.385
0.351
X
0.330
0.321
0.366
0.361
X
0.356
0.366
0.391
0.380
Wd2
Y
0.360
0.379
0.419
0.385
Wf
Y
0.351
0.419
0.436
0.381
IF=20mA;Ta=25° C
Y
Wf
Wd2
Wd1
Wc4
Wc3
Wb2
Wb1
Wa3
Wa2
Wa1
x
Color ranking for white LEDs


유사한 부품 번호 - 540VW6C

제조업체부품명데이터시트상세설명
logo
HB Electronic Component...
540VG2C HB-540VG2C Datasheet
774Kb / 9P
   LED
540VUV0C HB-540VUV0C Datasheet
214Kb / 3P
   LED
More results

유사한 설명 - 540VW6C

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com