전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7403 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 7403
상세설명  4-Bit x 64-word FIFO register; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 6Page - NXP Semiconductors 7403 Datasheet HTML 7Page - NXP Semiconductors 7403 Datasheet HTML 8Page - NXP Semiconductors 7403 Datasheet HTML 9Page - NXP Semiconductors 7403 Datasheet HTML 10Page - NXP Semiconductors 7403 Datasheet HTML 11Page - NXP Semiconductors 7403 Datasheet HTML 12Page - NXP Semiconductors 7403 Datasheet HTML 13Page - NXP Semiconductors 7403 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
September 1993
10
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
−25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPHL/tPLH
propagation
delay
MR to DIR,
DOR
30
51
53
63
ns
4.5
Fig.8
tPHL
propagation
delay
MR to Qn
22
38
48
57
ns
4.5
Fig.8
tPHL/tPLH
propagation
delay
SI to DIR
25
43
54
65
ns
4.5
Fig.6
tPHL/tPLH
propagation
delay
SO to DOR
36
61
76
92
ns
4.5
Fig.9
tPHL/tPLH
propagation
delay
SO to Qn
42
72
90
108
ns
4.5
Fig.14
tPHL/tPLH
propagation
delay
DOR to Qn
712
15
18
ns
4.5
Fig.10
tPLH
propagation
delay/ripple
through delay
SI to DOR
0.8
1.4
1.75
2.1
µs
4.5
Fig.10
tPLH
propagation
delay/bubble-up
delay
SO to DIR
1
1.8
2.25
2.7
µs
4.5
Fig.7
tPZH/tPZL
3-state output
enable time
OE to Qn
16
30
38
45
ns
4.5
Fig.16
tPHZ/tPLZ
3-state output
disable time
OE to Qn
19
30
38
45
ns
4.5
Fig.16
tTHL/tTLH
output transition
time
512
15
18
ns
4.5
Fig.16
tW
SI pulse width
HIGH or LOW
95
6
8
ns
4.5
Fig.6
tW
SO pulse width
HIGH or LOW
14
8
18
21
ns
4.5
Fig.9
tW
DIR pulse width
HIGH
5
17
29
4
36
4
44
ns
4.5
Fig.7


유사한 부품 번호 - 7403

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
7403 STMICROELECTRONICS-7403 Datasheet
195Kb / 26P
   BASIC SIGNAL PROCESSOR
October 1998
logo
Fairchild Semiconductor
7403 FAIRCHILD-7403 Datasheet
35Kb / 3P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Myrra
74030 MYRRA-74030 Datasheet
102Kb / 1P
   FLYBACK TRANSFORMERS
74030 MYRRA-74030 Datasheet
132Kb / 1P
   FLYBACK TRANSFORMER
74030 MYRRA-74030 Datasheet
177Kb / 1P
   SIZE E25 - 3 or 1 OUTPUTS: 512/12v or 24v - FLYBACK TRANSFORMER
More results

유사한 설명 - 7403

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com