전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ABT543J-QML 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54ABT543J-QML
상세설명  Octal Registered Transceiver with TRI-STATE짰 Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT543J-QML 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  54ABT543J-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0
mA
Voltage Applied to Any Output
in the Disable or Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
DC Electrical Characteristics
Symbol
Parameter
ABT543
Units
V
CC
Conditions
Min
Typ
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA (Non I/O Pins)
V
OH
Output HIGH Voltage
54ABT
2.5
I
OH = −3 mA, (An,Bn)
54ABT
2.0
V
Min
I
OH = −24 mA, (An,Bn)
V
OL
Output LOW Voltage
54ABT
0.55
V
Min
I
OL = 48 mA, (An,Bn)
V
ID
Input Leakage Test
4.75
V
0.0
I
ID = 1.9 µA, (Non-I/O Pins)
All Other Pins Grounded
I
IH
Input HIGH Current
5
µA
Max
V
IN = 2.7V (Non-I/O Pins)
(Note 3)
V
IN =VCC (Non-I/O Pins)
I
BVI
Input HIGH Current Breakdown Test
7
µA
Max
V
IN = 7.0V (Non-I/O Pins)
I
BVIT
Input HIGH Current
100
µA
Max
V
IN = 5.5V (An,Bn)
Breakdown Test (I/O)
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.5V (Non-I/O Pins)(Note
3)
V
IN = 0.0V (Non-I/O Pins)
I
IH +IOZH
Output Leakage Current
50
µA
0V–5.5V V
OUT = 2.7V (An,Bn);
OEAB or CEAB = 2V
I
IL +IOZL
Output Leakage Current
−50
µA
0V–5.5V V
OUT = 0.5V (An,Bn);
OEAB or CEAB = 2V
I
OS
Output Short-Circuit Current
−100
−275
mA
Max
V
OUT =0V (An,Bn)
I
CEX
Output HIGH Leakage Current
50
µA
Max
V
OUT =VCC (An,Bn)
I
ZZ
Bus Drainage Test
100
µA
0.0V
V
OUT = 5.5V (An,Bn);
All Others GND
I
CCLH
Power Supply Current
50
µA
Max
All Outputs HIGH
I
CCL
Power Supply Current
30
mA
Max
All Outputs LOW
I
CCZ
Power Supply Current
50
µA
Max
Outputs TRI-STATE
All Others at V
CC or GND
www.national.com
3


유사한 부품 번호 - 54ABT543J-QML

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541E-QML NSC-54ABT541E-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541J-QML NSC-54ABT541J-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541W-QML NSC-54ABT541W-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT541 TI1-54ABT541_13 Datasheet
304Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 54ABT543J-QML

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F563 NSC-54F563 Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com