전자부품 데이터시트 검색엔진 |
|
IRF3808S 데이터시트(PDF) 4 Page - International Rectifier |
|
IRF3808S 데이터시트(HTML) 4 Page - International Rectifier |
4 / 11 page IRF3808S/IRF3808L 4 www.irf.com Fig 8. Maximum Safe Operating Area Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 7. Typical Source-Drain Diode Forward Voltage 1 10 100 VDS, Drain-to-Source Voltage (V) 100 1000 10000 100000 Coss Crss Ciss VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds+ Cgd 0.0 0.5 1.0 1.5 2.0 VSD, Source-toDrain Voltage (V) 0.10 1.00 10.00 100.00 1000.00 TJ = 25°C TJ = 175°C VGS = 0V 1 10 100 1000 VDS , Drain-toSource Voltage (V) 1 10 100 1000 10000 Tc = 25°C Tj = 175°C Single Pulse 1msec 10msec OPERATION IN THIS AREA LIMITED BY R DS(on) 100µsec 0 40 80 120 160 0 2 4 6 8 10 12 Q , Total Gate Charge (nC) G I = D 82A V = 15V DS V = 37V DS V = 60V DS |
유사한 부품 번호 - IRF3808S |
|
유사한 설명 - IRF3808S |