전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4053D 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74HC4053D
상세설명  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053D 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4053D Datasheet HTML 7Page - NXP Semiconductors 74HC4053D Datasheet HTML 8Page - NXP Semiconductors 74HC4053D Datasheet HTML 9Page - NXP Semiconductors 74HC4053D Datasheet HTML 10Page - NXP Semiconductors 74HC4053D Datasheet HTML 11Page - NXP Semiconductors 74HC4053D Datasheet HTML 12Page - NXP Semiconductors 74HC4053D Datasheet HTML 13Page - NXP Semiconductors 74HC4053D Datasheet HTML 14Page - NXP Semiconductors 74HC4053D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
11 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
Table 8:
Static characteristics 74HC4053
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-state input voltage VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VCC = 9.0 V
6.3
4.7
-
V
VIL
LOW-state input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VCC = 9.0 V
-
4.3
2.7
V
ILI
input leakage current
VI = VCC or GND; VEE = 0 V
VCC = 6.0 V
-
-
±0.1
µA
VCC = 10.0 V
-
-
±0.2
µA
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VI = VIH or VIL; VEE =0V;
|V
S| = VCC − VEE; see Figure 10
per channel
-
-
±0.1
µA
all channels
-
-
±0.1
µA
IS(ON)
ON-state leakage
current
VCC = 10.0 V; VI = VIH or VIL; VEE =0V;
|V
S| = VCC − VEE; see Figure 11
--
±0.1
µA
ICC
quiescent supply current Vis = VEE or VCC; Vos = VCC or VEE;
VI =VCC or GND; VEE = 0 V
VCC = 6.0 V
-
-
8.0
µA
VCC = 10.0 V
-
-
16.0
µA
Ci
input capacitance
-
3.5
-
pF
CS
switch capacitance
independent I/O (nYn)
-
5
-
pF
common I/O (nZ)
-
8
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-state input voltage VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VCC = 9.0 V
6.3
-
-
V
VIL
LOW-state input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VCC = 9.0 V
-
-
2.7
V
ILI
input leakage current
VI = VCC or GND; VEE = 0 V
VCC = 6.0 V
-
-
±1.0
µA
VCC = 10.0 V
-
-
±2.0
µA


유사한 부품 번호 - 74HC4053D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4053D NXP-74HC4053D Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Toshiba Semiconductor
74HC4053D TOSHIBA-74HC4053D Datasheet
257Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4053D NEXPERIA-74HC4053D Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
More results

유사한 설명 - 74HC4053D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com