전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC251 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54AC251
상세설명  8-Input Multiplexer With TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC251 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  54AC251 Datasheet HTML 1Page - National Semiconductor (TI) 54AC251 Datasheet HTML 2Page - National Semiconductor (TI) 54AC251 Datasheet HTML 3Page - National Semiconductor (TI) 54AC251 Datasheet HTML 4Page - National Semiconductor (TI) 54AC251 Datasheet HTML 5Page - National Semiconductor (TI) 54AC251 Datasheet HTML 6Page - National Semiconductor (TI) 54AC251 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MN54AC251-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 3.0V to 5.5V, Temperature Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED
BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
ICCL
Supply Current
Outputs LOW
VCC=5.5V, VINL=0.0V
1, 2 VCC
4.0
uA
1
1, 2 VCC
80
uA
2, 3
ICCZ
Supply Current
Outputs Tri-State
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 2 VCC
4.0
uA
1
1, 2 VCC
80
uA
2, 3
IOZH
Maximum TRI-STATE
Leakage Current
High
VCC=3.0V, VM=3.0V, VINH=3.0V,
VINL=0.0V, VIH=2.1V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
VCC=4.5V, VM=4.5V, VINH=4.5V,
VINL=0.0V, VIH=3.15V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
VCC=5.5V, VM=5.5V, VINH=5.5V,
VINL=0.0V, VIH=3.85V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
IOZL
Maximum TRI-STATE
Leakage Current
Low
VCC=3.0V, VM=0.0V, VINH=3.0V,
VINL=0.0V, VIH=2.1V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
VCC=4.5V, VM=0.0V, VINH=4.5V,
VINL=0.0V, VIH=3.15V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
VCC=5.5V, VM=0.0V, VINH=5.5V,
VINL=0.0V, VIH=3.85V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 OHMS, TRISE=3ns, TFALL=3ns, Temp Range: -55C to125C.
NOTE: -55C TEMPERATURE, SUBGROUP
11 IS GUARANTEED BUT NOT TESTED.
tpLH(1)
Propagation Delay
VCC=4.5V
3,
4, 6
In to Z
or Z
1.5
10.0
ns
9
3,
4, 6
In to Z
or Z
1.5
12.0
ns
10, 11
tpHL(1)
Propagation Delay
VCC=4.5V
3,
4, 6
In to Z
or Z
1.5
10.0
ns
9
3,
4, 6
In to Z
or Z
1.5
12.0
ns
10, 11
tpLH(2)
Propagation Delay
VCC=4.5V
3,
4, 6
Sn to Z
or Z
1.5
12.5
ns
9
3,
4, 6
Sn to Z
or Z
1.5
15.5
ns
10, 11
5


유사한 부품 번호 - 54AC251

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
National Semiconductor ...
54AC251D NSC-54AC251D Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54AC251F NSC-54AC251F Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54AC251L NSC-54AC251L Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
More results

유사한 설명 - 54AC251

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F253DM NSC-54F253DM Datasheet
168Kb / 8P
   Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
[Old version datasheet]   Dual 4-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com