전자부품 데이터시트 검색엔진 |
|
74LV123PW 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
74LV123PW 데이터시트(HTML) 8 Page - NXP Semiconductors |
8 / 16 page Philips Semiconductors Product specification 74LV123 Dual retriggerable monostable multivibrator with reset 1998 Apr 28 8 AC CHARACTERISTICS (Continued) GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL =1 KΩ CONDITION LIMITS SYMBOL PARAMETER WAVEFORM CONDITION –40 to +85 °C –40 to +125 °C UNIT VCC(V) MIN TYP MAX MIN MAX 1.2 10 1000 External timing 2.0 5 1000 REXT External timing resistor Figure 5 2.7 3 1000 ΚΩ resistor 3.0 to 3.6 2 1000 4.5 to 5.5 2 1000 3 1.2 External timing 3 2.0 CEXT External timing capacitor Figure 53 2.7 No limits pF ca acitor 3.0 to 3.6 4.5 to 5.5 NOTES: 1. Unless otherwise stated, all typical values are at Tamb = 25°C. 2. Typical value measured at VCC = 3.3V. 3. Typical value measured at VCC = 5.0V. 4. For other REXT and CEXT combinations see Figure 5. if CEXT > 10 nF, the next formula is valid: tW = K x REXT x CEXT (typ.) where, tW = output pulse width in ns; REXT = external resistor in KΩ; CEXT = external capacitor in pF; K = constant = 0.45 for VCC = 5.0V and 0.48 for VCC = 2.0V. The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is approximately 7 pF. 5. The time to retrigger the monostable multivibrator depends on the values of REXT and CEXT. The output pulse width will only be extended when the time between the active-going edges of the trigger pulses meets the minimum retrigger time. If CEXT > 10 pF, the next formula (at VCC = 5.0V) for the set-up time of a retrigger pulse is valid: trt = 30 + 0.19R x C-9 + 13 x R1.05 (typ.) where, trt = retrigger time in ns; CEXT = external capacitor in pF; REXT = external resistor in KΩ. The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is approximately 7 pF. 6. When the device is powered up, initiate the device via a reset pulse, when CEXT < 50pF. AC WAVEFORMS VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V; VOL and VOH are the typical output voltage drop that occur with the output load. tW tW trt tW tW tW nB INPUT nA INPUT nQ OUTPUT SV00139 Figure 1.Output pulse control using retrigger pulse; nRD = HIGH. tW tW tW nB INPUT nRD INPUT nQ OUTPUT SV00140 Figure 2.Output pulse control using reset input nRD; nA = LOW. |
유사한 부품 번호 - 74LV123PW |
|
유사한 설명 - 74LV123PW |