전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-KB45-E0002 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-KB45-E0002
상세설명  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-KB45-E0002 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-KB45-E0002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-KB45-E0002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-KB45-E0002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-KB45-E0002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-KB45-E0002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-KB45-E0002 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Optical Characteristics at TA = 25˚C
Luminous
Color,
Viewing
Intensity
Dominant
Peak
Angle
IV (mcd)
Wavelength
Wavelength
2
θ1/2[2]
@ IF = 20 mA
λd[1] (nm)
λPEAK (nm)
Degrees
Part Number
Typ.
Typ.
Typ.
HLMP-DB25-B00xx
40
100
462
426
25
HLMP-KB45-A00xx
30
45
462
426
40
Min.
Typ.
Notes:
1. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
2.
θ
1/2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity.
Electrical Characteristics at TA = 25˚C
Thermal
Forward
Reverse
Resistance
Voltage
Breakdown
Speed
Capacitance
R
θJ-PIN (
°C/W)
VF (Volts)
VR (Volts)
Response
C (pF), VF = 0,
Junction to
Part
@ IF = 20 mA @ IR = 100
µA
τ
s (ns)
f = 1 MHz
Cathode Lead
Number
Typ.
Max.
Min.
Typ.
Typ.
Typ.
Typ.
HLMP-DB25-B00xx
4.0
5.0
5.0
30
500
97
260
HLMP-KB45-A00xx
4.0
5.0
5.0
30
500
97
290
Figure 1. Relative Intensity vs.
Wavelength.
Figure 3. Relative Intensity vs. Peak
Forward Current (300
µs pulse
width, 10 ms period).
Figure 2. Forward Current vs.
Forward Voltage.
0
60
50
30
20
03
5
10
40
2
1
4
VF – FORWARD VOLTAGE – V
1.0
1.6
1.2
IP – PEAK FORWARD CURRENT – mA
20
40
60
80
1.4
30
50
70
WAVELENGTH – nm
1.0
0.5
0
350
550
700
400
600
450 500
650


유사한 부품 번호 - HLMP-KB45-E0002

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KB45-A0000 AVAGO-HLMP-KB45-A0000 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

유사한 설명 - HLMP-KB45-E0002

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com