전자부품 데이터시트 검색엔진 |
|
HLMP-CE12-N0D00 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-CE12-N0D00 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 9 page Agilent HLMP-Cxxx T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps Data Sheet Description These high intensity blue and green LEDs are based on the most efficient and cost effective InGaN material technology. The 470 nm typical dominant wave– length for blue and 525 nm typical wavelength for green is well suited to color mixing in full color signs. The 505 nm typical dominant wavelength for cyan is suitable for traffic signal application. These LED lamps are untinted, non-diffused, T-13/4 packages Features • Well defined spatial radiation pattern • High luminous output • Available in blue, green, and cyan color • Viewing angle: 15°, 23° and 30° • Standoff or non-standoff leads • Superior resistance to moisture Applications • Traffic signals • Commercial outdoor advertising • Front panel backlighting • Front panel indicator incorporating second generation optics which produce well-defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior temperature and moisture resistance in outdoor signal and sign applications. The high maximum LED junction temperature limit of +110°C enables high temperature operation in bright sunlight conditions. HLMP-CB11, HLMP-CB12, HLMP-CM11, HLMP-CM12, HLMP-CE11, HLMP-CE12, HLMP-CB26, HLMP-CB27, HLMP-CM26, HLMP-CM27, HLMP-CE26, HLMP-CE27, HLMP-CB36, HLMP-CB37, HLMP-CM36, HLMP-CM37, HLMP-CE36, HLMP-CE37 CAUTION: Devices are Class I ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details. |
유사한 부품 번호 - HLMP-CE12-N0D00 |
|
유사한 설명 - HLMP-CE12-N0D00 |