전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C202-120N1TR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M27C202-120N1TR
상세설명  2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C202-120N1TR 데이터시트(HTML) 5 Page - STMicroelectronics

  M27C202-120N1TR Datasheet HTML 1Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 2Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 3Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 4Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 5Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 6Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 7Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 8Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
M27C202
Table 7. Read Mode DC Characteristics (1)
(TA = 0 to 70 °C, –40 to 85 °C or –40 to 125 °C; VCC =5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E= VIL,G= VIL,
IOUT = 0mA, f = 5MHz
50
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E> VCC – 0.2V
100
µA
IPP
Program Current
VPP =VCC
100
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
Output High Voltage CMOS
IOH = –100µAVCC – 0.7V
V
Two Line Output Control
Because OTP EPROMs are usually used in larger
memory arrays, this product features a 2 line con-
trol function which accommodates the use of mul-
tiple memory connection. The two line control
function allows:
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
For the most efficient use of these two control
lines, E should be decoded and used as the prima-
ry device selecting function, while G should be
made a common connection to all devices in the
array and connected to the READ line from the
system control bus. This ensures that all deselect-
ed memory devices are in their low power standby
mode and that the output pins are only active
when data is required from a particular memory
device.
System Considerations
The power switching characteristics of Advanced
CMOS EPROMs require careful decoupling of the
devices. The supply current, ICC, has three seg-
ments that are of interest to the system designer:
the standby current level, the active current level,
and transient current peaks that are produced by
the falling and rising edges of E. The magnitude of
transient current peaks is dependent on the ca-
pacitive and inductive loading of the device at the
output. The associated transient voltage peaks
can be suppressed by complying with the two line
output control and by properly selected decoupling
capacitors. It is recommended that a 0.1
µF ceram-
ic capacitor be used on every device between VCC
and VSS. This should be a high frequency capaci-
tor of low inherent inductance and should be
placed as close to the device as possible. In addi-
tion, a 4.7
µF bulk electrolytic capacitor should be
used between VCC and VSS for every eight devic-
es. The bulk capacitor should be located near the
power supply connection point.The purpose of the
bulk capacitor is to overcome the voltage drop
caused by the inductive effects of PCB traces.


유사한 부품 번호 - M27C202-120N1TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C202-120N1TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com