전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5628BRUZ-2 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5628BRUZ-2
상세설명  Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5628BRUZ-2 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5628BRUZ-2 Datasheet HTML 7Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 8Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 9Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 10Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 11Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 12Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 13Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 14Page - Analog Devices AD5628BRUZ-2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Technical Data
AD5628/AD5648/AD5668
Rev. PrA| Page 11 of 24
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
(TA = +25°C unless otherwise noted)
Parameter
Rating
VDD to GND
-0.3 V to +7 V
Digital Input Voltage to GND
-0.3 V to VDD + 0.3 V
VOUT to GND
-0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
-40°C to +105°C
Storage Temperature Range
-65°C to +150°C
Junction Temperature (TJ Max)
+150°C
TSSOP Package
Power Dissipation
(TJ Max-TA)/θJA
θJA Thermal Impedance
150.4°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
+215°C
Infrared (15 sec)
+220°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
TERMINOLOGY
Relative Accuracy
For the DAC, relative accuracy or Integral Nonlinearity (INL) is a
measure of the maximum deviation, in LSBs, from a straight line
passing through the endpoints of the DAC transfer function. A
typical INL vs. code plot can be seen in Figure 2.
Differential Nonlinearity
Differential Nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of ±1 LSB
maximum ensures monotonicity. This DAC is guaranteed
monotonic by design. A typical DNL vs. code plot can be seen in
Figure 3.
Offset Error
Offset error is a measure of the difference between VOUT
(actual) and VOUT (ideal) expressed in mV in the linear
region of the transfer function. Offset error is measured on
the AD5668 with Code ??? loaded into the DAC register.
This is a measure of the offset error of the DAC and the output
amplifier (see Figures 2 and 3). It can be negative or positive, and is
expressed in mV.
Zero-Code Error
Zero-code error is a measure of the output error when zero code
(0000Hex) is loaded to the DAC register. Ideally the output should
be 0 V. The zero-code error is always positive in the AD56x8
because the output of the DAC cannot go below 0 V. It is due to a
combination of the offset errors in the DAC and output amplifier.
Zero-code error is expressed in mV. A plot of zero-code error vs.
temperature can be seen in Figure 6.
Gain Error
This is a measure of the span error of the DAC. It is the deviation
in slope of the DAC transfer characteristic from ideal expressed as
a percent of the full-scale range.
Zero-Code Error Drift
This is a measure of the change in zero-code error with a change in
temperature. It is expressed in µV/°C.
Gain Error Drift
This is a measure of the change in gain error with changes in
temperature. It is expressed in (ppm of full-scale range)/°C.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code (FFFF Hex) is loaded to the DAC register. Ideally the output
should be VDD – 1 LSB. Full-scale error is expressed in percent of
full-scale range. A plot of full-scale error vs. temperature can be
seen in Figure 6.
Total Unadjusted Error
Total Unadjusted Error (TUE) is a measure of the output error


유사한 부품 번호 - AD5628BRUZ-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5628BRUZ-2 AD-AD5628BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5628BRUZ-2REEL7 AD-AD5628BRUZ-2REEL7 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
More results

유사한 설명 - AD5628BRUZ-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com