전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC050S6R59 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 FC050S6R59
상세설명  POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FC050S6R59 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FC050S6R59 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC050S6R59 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image


유사한 부품 번호 - FC050S6R59

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FC050A ETC-FC050A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC050A9 ETC-FC050A9 Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
More results

유사한 설명 - FC050S6R59

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com