전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTVF16859 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 SSTVF16859
상세설명  13-bit 1:2 SSTL_2 registered buffer for DDR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button SSTVF16859 Datasheet HTML 2Page - NXP Semiconductors SSTVF16859 Datasheet HTML 3Page - NXP Semiconductors SSTVF16859 Datasheet HTML 4Page - NXP Semiconductors SSTVF16859 Datasheet HTML 5Page - NXP Semiconductors SSTVF16859 Datasheet HTML 6Page - NXP Semiconductors SSTVF16859 Datasheet HTML 7Page - NXP Semiconductors SSTVF16859 Datasheet HTML 8Page - NXP Semiconductors SSTVF16859 Datasheet HTML 9Page - NXP Semiconductors SSTVF16859 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
Product data sheet
SSTVF16859
13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
6
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD
Supply voltage range
–0.5
+3.6
V
VI
Input voltage range
Notes 2 and 3
–0.5
VDD + 0.5
V
VO
Output voltage range
Notes 2 and 3
–0.5
VDD + 0.5
V
IIK
Input clamp current
VI < 0 V or VI > VDD
±50
mA
IOK
Output clamp current
VO < 0 V or VO > VDD
±50
mA
IO
Continuous output current
VO = 0 V to VDD
±50
mA
Continuous current through each
VDD or GND
±100
mA
Tstg
Storage temperature range
–65
+150
°C
NOTES:
1. Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
3. This value is limited to 3.6 V maximum.
4. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures that are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
VDD
2.7
V
V
Reference voltage
PC1600–PC2700
1.15
1.25
1.35
V
VREF
g
(VREF = VDD/2)
PC3200
1.25
1.3
1.35
V
VTT
Termination voltage
VREF – 40 mV
VREF
VREF + 40 mV
V
VI
Input voltage
0
VDD
V
VIH
AC HIGH-level input voltage
Data inputs
VREF + 310 mV
V
VIL
AC LOW-level input voltage
Data inputs
VREF – 310 mV
V
VIH
DC HIGH-level input voltage
Data inputs
VREF + 150 mV
V
VIL
DC LOW-level input voltage
Data inputs
VREF – 150 mV
V
VIH
HIGH-level input voltage
RESET
1.7
VDD
V
VIL
LOW-level input voltage
0.0
0.7
V
VICR
Common-mode input range
CK, CK
0.97
1.53
V
VID
Differential input voltage
CK, CK
360
mV
IOH
HIGH-level output current
–16
mA
IOL
LOW-level output current
16
mA
Tamb
Operating free-air temperature range
0
+70
°C
NOTE:
1. The RESET input of the device must be held at VDD or GND to ensure proper device operation. The differential inputs must not be floating,
unless RESET is LOW.


유사한 부품 번호 - SSTVF16859

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
logo
Texas Instruments
SSTVF16859 TI1-SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTVF16859BS PHILIPS-SSTVF16859BS Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVF16859DGG PHILIPS-SSTVF16859DGG Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVF16859EC PHILIPS-SSTVF16859EC Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
More results

유사한 설명 - SSTVF16859

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com