전자부품 데이터시트 검색엔진 |
|
M29W160DT 데이터시트(PDF) 5 Page - STMicroelectronics |
|
M29W160DT 데이터시트(HTML) 5 Page - STMicroelectronics |
5 / 29 page 5/29 M29W160DT, M29W160DB SUMMARY DESCRIPTION The M29W160D is a 16 Mbit (2Mb x8 or 1Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be per- formed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM. The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. Each block can be protected independently to prevent accidental Program or Erase commands from modifying the memory. Program and Erase commands are writ- ten to the Command Interface of the memory. An on-chip Program/Erase Controller simplifies the process of programming or erasing the memory by taking care of all of the special operations that are required to update the memory contents. The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards. The blocks in the memory are asymmetrically ar- ranged, see Tables 2 and 3, Block Addresses. The first or last 64 Kbytes have been divided into four additional blocks. The 16 Kbyte Boot Block can be used for small initialization code to start the micro- processor, the two 8 Kbyte Parameter Blocks can be used for parameter storage and the remaining 32K is a small Main Block where the application may be stored. Chip Enable, Output Enable and Write Enable sig- nals control the bus operation of the memory. They allow simple connection to most micropro- cessors, often without additional logic. The memory is offered in TSOP48 (12 x 20mm), SO44 and LFBGA48 (0.8mm pitch) packages and it is supplied with all the bits erased (set to ’1’). Figure 2. Logic Diagram Note: RB not available on SO44 package. Table 1. Signal Names AI03843 20 A0-A19 W DQ0-DQ14 VCC M29W160DT M29W160DB E VSS 15 G RP DQ15A–1 BYTE RB A0-A19 Address Inputs DQ0-DQ7 Data Inputs/Outputs DQ8-DQ14 Data Inputs/Outputs DQ15A–1 Data Input/Output or Address Input E Chip Enable G Output Enable W Write Enable RP Reset/Block Temporary Unprotect RB Ready/Busy Output (Not available on SO44 package) BYTE Byte/Word Organization Select VCC Supply Voltage VSS Ground NC Not Connected Internally DU Don’t Use as internally connected |
유사한 부품 번호 - M29W160DT |
|
유사한 설명 - M29W160DT |