전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4471 데이터시트(PDF) 9 Page - TEMIC Semiconductors

부품명 TDA4471
상세설명  Multistandard Video-IF and Quasi Parallel Sound Processing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4471 데이터시트(HTML) 9 Page - TEMIC Semiconductors

Back Button TDA4471 Datasheet HTML 5Page - TEMIC Semiconductors TDA4471 Datasheet HTML 6Page - TEMIC Semiconductors TDA4471 Datasheet HTML 7Page - TEMIC Semiconductors TDA4471 Datasheet HTML 8Page - TEMIC Semiconductors TDA4471 Datasheet HTML 9Page - TEMIC Semiconductors TDA4471 Datasheet HTML 10Page - TEMIC Semiconductors TDA4471 Datasheet HTML 11Page - TEMIC Semiconductors TDA4471 Datasheet HTML 12Page - TEMIC Semiconductors TDA4471 Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TELEFUNKEN Semiconductors
TDA4471
Preliminary Information
Rev. A1: 18.08.1995
9 (16)
Electrical Characteristics
Vs = +5V, Tamb = +25°C; reference point Pin 4 (9, 18), unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
SIF input
Pin 1–2
Input sensitivity, RMS
value
output signal: –3dB
vin
80
120
V
Input impedance
see note 1
Rin
1.2
k
Input capacitance
see note 1
Cin
2
pF
SIF – AGC:
(pin 5)
IF gain control range
Gv
60
65
dB
AGC capacitor
CAGC
10
F
Intercarrier output– FM
Pin 26 see note 8
DC output voltage
VDC
2
V
Output resistance
see note 1
Rout
150
Sound IF output voltage,
RMS value
5.5 MHz output voltage
vin = 10 mV
vout
300
mV
Weighted signal to noise ra-
tio:
(CCIR 468)
Black screen: Channel 1/2
Grid pattern: Channel 1/2
Grey screen 50%:
Channel 1/2
Ref .signal:
vin =10 mV;
FM dev. = 27 kHz
fmod = 1 kHz;
tested with the double FM
demod. U2860B;
B/G modulated IF signal
S/N
S/N
S/N
60/58
54/52
60/57
dB
dB
dB
Ripple rejection
Pins 25, 26
see note 1
RR
35
dB
Electrical Characteristics
Vs = +5V, Tamb = +25°C; reference point Pin 4 (9 ,16), unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
AF output – AM
Pin 27 see note 9
DC output voltage
VDC
2.2
V
Output resistance
see note 1
Rout
150
AF output voltage, RMS
value
m = 54 %
voAF
500
mV
Total harmonic distortion
m = 54%
fmod = 1kHz, 12.5kHz
THD
1
2
%
Signal to noise ratio
Reference: m = 54%,
fmod = 1 kHz,
22 kHz low pass filter
S/N
65
dB
Ripple rejection
Pin 25, 27
see note 1
RR
28
dB


유사한 부품 번호 - TDA4471

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDA4470 TEMIC-TDA4470 Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-MFLG3 TEMIC-TDA4470-MFLG3 Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-MSD TEMIC-TDA4470-MSD Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472 TEMIC-TDA4472 Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
More results

유사한 설명 - TDA4471

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com