전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH16373ADGG 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVCH16373ADGG
상세설명  16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH16373ADGG 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVCH16373ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVCH16373ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16373A/
74LVCH16373A
16-bit D-type transparent latch with 5 Volt tolerant
inputs/outputs (3-State)
1998 Mar 17
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1OE
Output enable input
(active LOW)
2, 3, 5, 6, 8, 9,
11, 12
1Q0 to 1Q7
Data inputs/outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
13, 14, 16, 17,
19, 20, 22, 23
2Q0 to 2Q7
Data inputs/outputs
24
2OE
Output enable input
(active LOW)
25
2LE
Latch enable input (active
HIGH)
36, 35, 33, 32,
30, 29, 27, 26
2D0 to 2D7
Data inputs
47, 46, 44, 43,
41, 40, 38, 37
1D0 to 1D7
Data inputs
48
1LE
Latch enable input (active
HIGH)
LOGIC SYMBOL
1OE
2OE
1LE
2LE
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
47
46
44
43
41
40
38
37
36
35
33
32
30
29
27
26
48
25
23
22
20
19
17
16
14
13
12
11
9
8
6
5
3
2
24
1
SW00067
LOGIC DIAGRAM
DQ
LE
LE
LATCH
1
1D0
1LE
1OE
1Q0
TO 7 OTHER CHANNELS
DQ
LE
LE
LATCH
9
2D0
2LE
2OE
2Q0
TO 7 OTHER CHANNELS
SW00068
FUNCTION TABLE (per section of eight bits)
OPERATING MODES
INPUTS
INTERNAL
OUTPUTS
OPERATING MODES
OE
LE
Dn
LATCHES
Q0 to Q7
enable and read register
(transparent mode)
L
L
H
H
L
H
L
H
L
H
latch and read register
L
L
L
L
l
h
L
H
L
H
latch register and disable outputs
H
H
L
L
l
h
L
H
Z
Z
H = HIGH voltage level
h
= HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition
X = don’t care
Z = high impedance OFF-state


유사한 부품 번호 - 74LVCH16373ADGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVCH16373ADGG PHILIPS-74LVCH16373ADGG Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16373ADGG NEXPERIA-74LVCH16373ADGG Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVCH16373ADGG-Q100 NEXPERIA-74LVCH16373ADGG-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
Texas Instruments
74LVCH16373ADGGRG4 TI-74LVCH16373ADGGRG4 Datasheet
472Kb / 17P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74LVCH16373ADGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC841A PHILIPS-74LVC841A Datasheet
101Kb / 10P
   10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jun 17
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
logo
NXP Semiconductors
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74LVC2373A PHILIPS-74LVC2373A Datasheet
117Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
1997 Mar 12
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
   32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com